Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8612
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8612 Datasheet HTML 16Page - Analog Devices LT8612 Datasheet HTML 17Page - Analog Devices LT8612 Datasheet HTML 18Page - Analog Devices LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices LT8612 Datasheet HTML 21Page - Analog Devices LT8612 Datasheet HTML 22Page - Analog Devices LT8612 Datasheet HTML 23Page - Analog Devices LT8612 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT8609S
23
Rev. D
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
10/17
Clarified Oscillator Frequency RT Conditions
Clarified Frequency Foldback Graph
Clarified Block Diagram
Clarified Operating Frequency Selection in Applications Information
Clarified PCB Layout in Figure 4
Clarified Figure 5 and 6
3
6
11
14
18
19
B
04/20
Updated θJA in Pin Configuration Diagram
Added Note 4
Update Electrical Characteristics table Minimum On-Time parameter with ILOAD from 1.5A to 1.75A
2
3
3
C
10/20
Added AEC-Q statement and #W ordering information
1, 2
D
02/21
Added Tape and Reel in the Order Information table
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com