Electronic Components Datasheet Search
  English  ▼

X  

VAA1012 Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # VAA1012
Description  AC-DC Power Supplies PCB Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

VAA1012 Datasheet(HTML) 3 Page - COSEL CO., LTD.

  VAA1012 Datasheet HTML 1Page - COSEL CO., LTD. VAA1012 Datasheet HTML 2Page - COSEL CO., LTD. VAA1012 Datasheet HTML 3Page - COSEL CO., LTD. VAA1012 Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VAA-4
MODEL
VAA1005
VAA1012
MAX OUTPUTWATTAGE[W]
10.0
10.8
DC OUTPUT
VOLTAGE[V] 512
CURRENT[A] 2.0
0.9
SPECIFICATIONS
MODEL
VAA1005
VAA1012
INPUT
VOLTAGE[V]
AC85 -132 1f or DC110 - 170
CURRENT[A]
*1
0.3typ (ACIN 100V, Io=100%)
EFFICIENCY[%]
*1
76typ
77typ
FREQUENCY[Hz]
47-440 or DC
INRUSH CURRENT[A] *1 15typ (ACIN 100V, Io=100%)
LEAKAGE CURRENT[mA] 0.5max (60Hz AccordingtoUL and DEN-AN)
OUTPUT
VOLTAGE[V]
512
CURRENT[A]
2.0
0.9
LINE REGULATION[mV]
20max
48max
LOAD REGULATION[mV] 40max
100max
RIPPLE[mVp-p]
0to +55C*2 80max
120max
-10- 0C*2 140max
160max
RIPPLE NOISE[mVp-p]
0to +55C*2 120max
150max
-10- 0C*2 160max
180max
TEMPERATURE COEFFICIENT[mV] -10to +55C 50max
120max
DRIFT[mV]
*3
20max
48max
OUTPUTVOLTAGE ADJUSTMENT RANGE Fixed
START-UP TIME[ms]
200max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
10typ (ACIN 85V, Io=100%), 20typ (ACIN 100V, Io=100%)
OUTPUTVOLTAGE SETTING[V] *1 4.90- 5.30
11.40- 12.60
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Worksover 105%ofratingand recovers automatically
OVERVOLTAGEPROTECTION Worksover 115%ofrating (by zener diode clamping)
ISOLATION
INPUT-OUTPUT
AC2,000V 1minute, Cutoff current= 10mA, DC500V 50MW min (At RoomTemperature)
INPUT-FG
AC2,000V 1minute, Cutoff current= 10mA, DC500V 50MW min (At RoomTemperature)
OUTPUT-FG
AC500V 1minute, Cutoff current= 100mA, DC500V 50MW min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.ANDALTITUDE -10 to +70C, 20- 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.ANDALTITUDE -20 to +75C, 20- 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
19.6m/s2 10 - 55Hz, 3minutes period, 60minutes each alongX, Yand Z axis (Non operating)
IMPACT
196.1m/s2 11ms, once eachX, Yand Z axis (Non operating)
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL Complies with DEN-AN (External Fuseis required)
CONDUCTED NOISE
Complies with FCC-B, additional capacitors requiredfor meeting VCCI classB
OTHERS
CASE SIZE/WEIGHT
32X18X72.5mm [1.26X0.71X2.85 inches] (WXHXD) /35g max
COOLINGMETHOD
Convection
*1 Rated input/output Ta=25C
*2 This is the value that measured on measuring board with capacitor of 22mF. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM101).
*3 Drift is the charge in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
VAA10
AC-DC Power Supplies PCB Mount Type
VAA 10
05
Ordering information
1Series name
2Output wattage
3Output voltage
R
1
2
3
March 13, 2019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com