Electronic Components Datasheet Search
  English  ▼

X  

DCA520PC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DCA520PC
Description  50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DCA520PC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DCA520PC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DCA520PC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DCA520PC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DCA520PC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DCA520PC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DCA520PC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
➀ A full-scale input voltage of 50.00mV is used to calibrate all models for their designated
measurement range. The ammeter’s rear calibration potentiometer compensates for
full-scale input variations up to ±1% (49.5 to 50.5mV).
Measuring positive and negative currents (bipolar operation): In applications
where both positive and negative currents must be measured, Murata Power Solu-
tions recommends using ‘-DC4’ 8-36V isolated supply models. Negative current
flow is denoted by the illumination of the display’s negative (–) sign; the absence of
a negative sign implies positive current flow. Contact MPS if you have any questions
regarding bipolar operation of DCA5-20PC ammeters.
➁ On non-isolated ‘-DC1’ models, continuous application of single-ended ±400mV
inputs will not damage the ammeter. Single-ended inputs are defined as those
whose TB1-1 (–IN) potential is within ±0.1V of the potential on TB2-2 (-V). For
all models, the application of short-duration (5 seconds max.) ±1V inputs will not
damage the ammeter.
➂ Breakdown (isolation) voltage applies only to ‘-DC4’ isolated-power models.
Breakdown voltage is tested with TB1-1 tied to TB1-2 (–IN shorted to +IN) and
TB2-1 tied to TB2-2 (+V shorted to -V). 500Vdc is then applied between the
two shorted terminal-block pairs; the max. allowable leakage current is 5uA.
➃ Zero reading is measured with TB1-1 (–IN) shorted to TB1-2 (+IN).
➄ Power supply currents noted are measured with the 50mV shunt input (TB1) at
zero volts (display reads “000”) and one decimal point enabled.
➅ Each model’s full-scale display reading with a 50.0mV input is designated by the
first X in the DCA5-20PC-X-XXX model number structure. Decimal point selection
(DP1, DP2, DP3, or none) is performed by the user to suit desired amperage range.
Input ranges -1, -2, -3, -4, -7, -8 and -9 can accommodate 100mV shunts. For these
ranges, the indicated 50mV reading is doubled when a 100mV input is applied.
Performance/Functional Specifications
Typical at TA = +25°C, unless otherwise noted.
DCA5-20PC - x - DC1 - R L - C
Power Supply:
DC1 = +5-40Vdc, non-isolated power
(available with -RL, -BL, or -PGL LEDs)
DC4 = +8-36Vdc, isolated power
(available with -RL, -BS, or -GS LEDs)
LED Color:
BL = Low-Power Blue
BS = Super Blue
GS = Standard Green
PGL = Low-Power Green
RL = Low-Power Red
Accessories:
DMS-20-CP
Panel Cutout Punch
A DMS-BZL4-C bezel assembly with sealing gasket is supplied with each ammeter.
Shunt Model
Rating
Use with
3020-01097-0
5A/50mV
DCA5-20PC-1
3020-01107-0
10A/100mV
DCA5-20PC-1
3020-01098-0
20A/50mV
DCA5-20PC-6
3020-01096-0
50A/50mV
DCA5-20PC-1
3020-01099-0
100A/50mV
DCA5-20PC-2
3020-01108-0
100A/100mV
DCA5-20PC-1
3020-01100-0
150A/50mV
DCA5-20PC-5
3020-01101-0
200A/50mV
DCA5-20PC-6
3020-01102-0
300A/50mV
DCA5-20PC-3
3020-01103-0
500A/50mV
DCA5-20PC-1
3020-01104-0
800A/50mV
DCA5-20PC-10
3020-01105-0
1000A/50mV
DCA5-20PC-2
3020-01106-0
1200A/50mV
DCA5-20PC-11
Input (TB1)
➀
Min.
Typ.
Max.
Units
Full Scale Input
➀
49.5
50
50.5
mV
Overvoltage Rating
➁
±400
–
–
mV
Input Impedance
–
1K
–
Ohms
Shunt Input to Power Supply Isolation
➂
DCA-20PC-X-DC4 models only
500
–
–
Vdc
Performance
Sampling Rate
2.5 reading per second
Accuracy
±0.15%FS
Zero-Current Reading
➃
“–001”
“000”
“001”
Counts
Temperature Drift (0 = +60°C)
–
±0.2
±0.4
Cnts/°C
Power Supply Voltage (TB2)
DCA-20PC-X-DC1-XX
+5.0
–
+40
Vdc
DCA-20PC-X-DC4-XX
+8
–
+36
Vdc
Power Supply Current
➄
DCA-20PC-X-DC1-XX (@ 5-40V)
–
10
15
mAdc
DCA-20PC-X-DC4-XX (@ 8V)
–
100
150
mAdc
DCA-20PC-X-DC4-XX (@ 36V)
–
25
40
mAdc
TB1 and TB2 Terminal Blocks
Wire Size
16-22AWG, solid or stranded
Insulation Strip Length
0.250 inches
Screw Tightening Torque
2.2 lb·in (0.25 N·m) ±20%
Rated Current
20A with 12AWG solid copper wire;
15A with 14AWG solid or stranded
copper wire
Display
Display Type and Size
3½ digit, 0.37"/9.4mm high red, blue or
green LED
Overrange Indication
"–1_ _ _" for negative Vin
"1_ _ _" for positive Vin
Display Reading/Decimal Point
Model dependent
Physical/Environmental
Operating Temperature
0
–
+60
°C
Storage Temperature
–20
–
+75
°C
Humidity (non-condensing)
0
–
85
%
Case Material
Polycarbonate
Dimensions
1.38"W x 0.88" x 1.0" nominal
Weight
0.6 ounces (17 grams)
Ordering Information
Add -C for RoHS
Use with these 50mV shunts*
or
with these 100mV shunts*
1
5A
50A
500A
10A
100A 1000A
2
1A
10A
100A 1000A
2A
20A
200A 2000A
3
30A
300A
60A
600A
4
75A
750A
15A
150A 1500A
5
15A
150A 1500A
—
6
2A
20A
200A 2000A
—
7
25A
250A
5A
50A
500A
8
400A
80A
800A
9
600A
120A 1200A
10
80A
800A
—
11
1200A
—
*With respective decimal point user enabled. See technical note 7.
Input Range:
See www.murata-ps.com/dpm-availability for model-specific availability.
www.murata-ps.com/support
DCA5-20PC Series
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
MPM_DCA5-20PC.C01 Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com