Electronic Components Datasheet Search
  English  ▼

X  

22-22 Datasheet(PDF) 31 Page - Amphenol Corporation

Part # 22-22
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

22-22 Datasheet(HTML) 31 Page - Amphenol Corporation

Back Button 22-22 Datasheet HTML 27Page - Amphenol Corporation 22-22 Datasheet HTML 28Page - Amphenol Corporation 22-22 Datasheet HTML 29Page - Amphenol Corporation 22-22 Datasheet HTML 30Page - Amphenol Corporation 22-22 Datasheet HTML 31Page - Amphenol Corporation 22-22 Datasheet HTML 32Page - Amphenol Corporation 22-22 Datasheet HTML 33Page - Amphenol Corporation 22-22 Datasheet HTML 34Page - Amphenol Corporation 22-22 Datasheet HTML 35Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
29
97 series accessories
metal protection caps
9760 Caps and Chain Assemblies
Fit MS and 97 type receptacles and plugs;
provide protection against live circuits and
keep out dirt and dust when connector is not
in use.
Two styles are available: one with a stainless
steel link chain, and one with a beaded
chain. Both use the same caps and both
have a cadmium olive drab finish.
Caps for receptacles have internal threads
and are used on MS3102, MS3101, and
MS3100 receptacles. A soft rubber disc
seats on the connector shell, forming a
water-tight joint.
Caps for plugs have external threads for use
on all plugs where a coupling nut is provided
(MS3106 and MS3108).
For Receptacles†
For Plugs†
For
Connector Size
A
Threads
B*
C
D*
E
Link Chain
Bead Chain
Link Chain
Bead Chain
Inch
mm
Inch
mm
Inch
mm
Inch
mm
9760-908
9760-8
9760-808
9760-8P
8S
1/2-28
5/8
15.88
1/2
12.70
7/16
11.10
21/32
16.66
9760-910
9760-10
9760-810
9760-10P
10S, 10SL
5/8-24
13/16
20.62
5/8
15.88
7/16
11.10
21/32
16.66
9760-912
9760-12
9760-812
9760-12P
12, 12S, 12SL
3/4-20
15/16
23.80
3/4
19.05
7/16
11.10
27/32
21.41
9760-914
9760-14
9760-814
9760-14P
14, 14S
7/8-20 1-1/16
26.97
7/8
22.23
7/16
11.10
27/32
21.41
9760-916
9760-16
9760-816
9760-16P
16, 16S
1 -20 1-1/8
28.58
1
25.40
7/16
11.10
27/32
21.41
9760-918
9760-18
9760-818
9760-18P
18
1-1/8-18 1-5/16
33.32
1-1/8
28.58
7/16
11.10
27/32
21.41
9760-920
9760-20
9760-820
9760-20P
20
1-1/4-18 1-7/16
36.50
1-1/4
31.75
7/16
11.10
27/32
21.41
9760-922
9760-22
9760-822
9760-22P
22
1-3/8-18 1-9/16
39.67
1-3/8
34.93
7/16
11.10
27/32
21.41
9760-924
9760-24
9760-824
9760-24P
24
1-1/2-18 1-11/16
42.85
1-1/2
38.10
7/16
11.10
27/32
21.41
9760-928
9760-28
9760-828
9760-28P
28
1-3/4-18 1-59/64
48.79
1-3/4
44.45
1/2
12.70
27/32
21.41
9760-932
9760-32
9760-832
9760-32P
32
2 -18 2-3/16
55.55
2
50.80
1/2
12.70
27/32
21.41
9760-936
9760-36
9760-836
9760-36P
36
2-1/4-16 2-7/16
61.90
2-1/4
57.15
1/2
12.70
27/32
21.41
For
Connector Size
FG
H
± 1 Link
I
J
KL
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
8S
.125
3.18
2-9/16
65.07
4.0
101.60
125
3.18
140
3.56
.156
3.96
2-9/16
65.07
10S, 10SL
.125
3.18
2-9/16
65.07
4.0
101.60
.125
3.18
.140
3.56
.156
3.96
2-13/16
71.44
12, 12S, 12SL
.125
3.18
2-9/16
65.07
4.5
114.30
.125
3.18
.140
3.56
.156
3.96
3-13/16
96.84
14, 14S
.125
3.18
2-9/16
65.07
4.5
114.30
.125
3.18
.140
3.56
.156
3.96
3-13/16
96.84
16, 16S
.167
4.24
4-5/8
117.48
4.5
114.30
.167
4.24
.140
3.56
.156
3.96
4-5/8
117.48
18
.167
4.24
4-5/8
117.48
4.5
114.30
.167
4.24
.140
3.56
.156
3.96
4-5/8
117.48
20
.167
4.24
4-5/8
117.48
5.0
127.00
.167
4.24
.140
3.56
.187
4.75
4-5/8
117.48
22
.167
4.24
4-5/8
117.48
5.0
127.00
.167
4.24
.140
3.56
.187
4.75
4-5/8
117.48
24
.167
4.24
4-5/8
117.48
5.5
139.70
.167
4.24
.171
4.34
.187
4.75
4-5/8
117.48
28
.167
4.24
4-5/8
117.48
7.75
196.85
.167
4.24
.171
4.34
.187
4.75
4-5/8
117.48
32
.190
4.83
5-3/4
146.05
7.75
196.85
.260
6.60
.187
4.75
.218
5.54
5-3/4
146.05
36
.190
4.83
5-3/4
146.05
7.75
196.85
.260
6.60
.187
4.75
.218
5.54
5-3/4
146.05
* B dimension 1/16 inch less, and D dimension 1/64 inch less for screw
machine parts, sizes 8 thru 22.
† Caps less chains are available. To order, add G to the part number; for
example: 9760 8G
H
J DIA.
A
Thread
D
G
F DIA.
H
L
I DIA.
E
C
A Thread
B
*
K DIA.
Protection caps
are limited to
the following
plating variations:
Std Olive drab/green chromate
(621) Black zinc alloy plating
(689) Electroless nickel
(958) Gray zinc nickel **NEW**
Fits 97 type receptacles and plugs; provides
protection against live circuits and keeps out
dirt and dust when connector is not in use.
Two styles are available: one with a stainless
steel link chain, and one with a beaded chain.
Both use the same caps and both have a
cadmium olive drab finish.
Caps for receptacles have internal threads
and are used on 97-3102, 97-3101, and 97-
3100 receptacles. A soft rubber disc seats
on the connector shell, forming a water-tight
joint.
Caps for plugs have external threads for use
on all plugs where a coupling nut is provided
(97-3106 and 97-3108)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com