Electronic Components Datasheet Search
  English  ▼

X  

489302000 Datasheet(PDF) 6 Page - ITT Industries

Part # 489302000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

489302000 Datasheet(HTML) 6 Page - ITT Industries

Back Button 489302000 Datasheet HTML 2Page - ITT Industries 489302000 Datasheet HTML 3Page - ITT Industries 489302000 Datasheet HTML 4Page - ITT Industries 489302000 Datasheet HTML 5Page - ITT Industries 489302000 Datasheet HTML 6Page - ITT Industries 489302000 Datasheet HTML 7Page - ITT Industries 489302000 Datasheet HTML 8Page - ITT Industries 489302000 Datasheet HTML 9Page - ITT Industries 489302000 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2127
2290
CODED SWITCHES – BLANK (INACTIVE) SECTIONS
123B002000
123B009000
BLACK
GRAY
PART NO.
S2 SERIES BLANK SECTION, .315
 THK.
3U SERIES BLANK SECTION, .302
 THK.
(Replaces active section.)
663702000
663709000
BLACK
GRAY
PART NO.
212702000
229002000
PLAIN-BLACK
W/RIB-BLACK
PART NO.
3P SERIES BLANK SECTION, .300
 THK.
3 SERIES FRONT MOUNT, TYPE 0 & 3,
.315
 THK.
3 SERIES FRONT MOUNT, TYPE 0 & 3,
.315
 THK.
413602000
413609000
W/RIB-BLACK
W/RIB-GRAY
PART NO.
413502000
413509000
PLAIN-BLACK
PLAIN-GRAY
PART NO.
400502000
400509000
W/RIB & W/OUT SPRINGS-BLACK
W/RIB & W/OUT SPRINGS GRAY
400702000
400709000
PLAIN W/OUT SPRINGS-BLACK
PLAIN W/OUT SPRINGS GRAY
3 SERIES REAR MOUNT, TYPE 1,
.350
 THK.
3 SERIES REAR MOUNT, TYPE 2,
.350
 THK.
4006
4008
400602000
400609000
W/RIB-BLACK
W/RIB-GRAY
PART NO.
473402000
473409000
W/RIB-BLACK
W/RIB-GRAY
PART NO.
400802000
400809000
PLAIN-BLACK
PLAIN-GRAY
473302000
473309000
PLAIN-BLACK
PLAIN-GRAY
4734
4733
L
C&K Hardware
L-11
www.ittcannon.com
ITT Industries
Cannon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com