Electronic Components Datasheet Search
  English  ▼

X  

101-2 Datasheet(PDF) 39 Page - HellermannTyton.

Part # 101-2
Description  NorthAmericanProductGuide
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

101-2 Datasheet(HTML) 39 Page - HellermannTyton.

Back Button 101-2 Datasheet HTML 35Page - HellermannTyton. 101-2 Datasheet HTML 36Page - HellermannTyton. 101-2 Datasheet HTML 37Page - HellermannTyton. 101-2 Datasheet HTML 38Page - HellermannTyton. 101-2 Datasheet HTML 39Page - HellermannTyton. 101-2 Datasheet HTML 40Page - HellermannTyton. 101-2 Datasheet HTML 41Page - HellermannTyton. 101-2 Datasheet HTML 42Page - HellermannTyton. 101-2 Datasheet HTML 43Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
38
600 SERIES
6-wAy OUTLET
SHAPES IN LINE
This style provides cable
sealing strain relief and
mechanical protection. Ideal for
power and signal cables.
expanded (Min)
recovered (Max)
recovered dimensions fully shrunk
NAVSEA
REFERENCE
Hellermann
Part No.
H
J
H
J
S
(nom)
P
±10%
R
±10%
HW
±20%
JW
±20%
IA62-18
—
608-1
2.39
0.82
1.45
0.35
1.97
6.00
2.00
0.10
0.10
609-1
1.18
0.32
0.63
0.16
0.98
2.95
0.78
0.10
0.06
Dimensions apply to all materials unless
otherwise indicated and are in inches.
*
Materials availaBle
reference
specification
description
J
* MIL-I-81765/TYPE II
Flexible modified polyolefin
B7
* MIL-I-81765/TYPE I Semi-rigid flame retarded polyolefin
G
VG 95343 PART 6
Fluid resistant elastomer
H
NAVSEA 5617649
Flexible limited fire hazard material
B8
Semi-rigid polyolefin
adhesive coatiNG oPtioNs
reference
description
W1
Band lined WM250
*Standard products and material.
For ordering procedure – refer to page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com