Electronic Components Datasheet Search
  English  ▼

X  

ZUS32405 Datasheet(PDF) 8 Page - COSEL CO., LTD.

Part # ZUS32405
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS32405 Datasheet(HTML) 8 Page - COSEL CO., LTD.

Back Button ZUS32405 Datasheet HTML 4Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 5Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 6Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 7Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 8Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 9Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 10Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 11Page - COSEL CO., LTD. ZUS32405 Datasheet HTML 12Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
¡DERATING CURVE
¡RISE TIME & FALL TIME (ZUS102405)
¡OVERCURRENT CHARACTERISTICS (ZUS102405)
¡STATIC CHARACTERISTICS (ZUS102405)
ZU/ZT
ZU/ZT-9
ZUS10
External view
¶Recomended size for
processing PCB
Outline
¶Dimensions in
The converter is in contact with the
slanted area of the P.C.B. To keep
isolation, adequate wiring on the
mounted side is required.
¶Div.: 0.1inch
(TOP VIEW)
(1.25) (1.25)
(1.25)
(1.25)
2-
º1.6
6.35
4-
º1.5
38.1
25.4
[inch]
[1.5]
[0.25]
[1]
mm
¶Specification
at A part
¶Specification
at B part
¶Weight: 40g or less.
¶Tolerance: ± 0.5
¶Case material: Brass
45
+V
-V
IN
OUT
-V
+V
(3.45)
(9.8)
2.5
25.4
38.1
4- 1±0.1
2.5
1±0.1
Name plate
2-A part
2-B part
º
Performance data
June 29, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com