Electronic Components Datasheet Search
  English  ▼

X  

797581007 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 797581007
Description  Pre-Crimped Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

797581007 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  797581007 Datasheet HTML 1Page - Molex Electronics Ltd. 797581007 Datasheet HTML 2Page - Molex Electronics Ltd. 797581007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Product Family
Order Number
Length
Connector A
Connector B
Wire Size
Wire/Cable Type
C-Grid
797582022
150.00mm
Female
Female
22 AWG
UL 1061
797582023
300.00mm
Female
Female
22 AWG
UL 1061
CLIK-Mate
797581011
300.00mm
Female
Female
24 AWG
UL 1061
797581012
150.00mm
Female
Female
28 AWG
UL 1061
797581013
300.00mm
Male
Male
28 AWG
UL 1061
797581014
150.00mm
Male
Male
24 AWG
UL 1061
797581015
300.00mm
Male
Male
24 AWG
UL 1061
DuraClik
797581008
150.00mm
Female
Female
26 AWG
UL 1061
797581009
300.00mm
Female
Female
26 AWG
UL 1061
KK
797580007
150.00mm
Female
Female
22 AWG
UL 1061
797580011
300.00mm
Female
Female
22 AWG
UL 1061
797580015
300.00mm
Male
Male
22 AWG
UL 1061
797582024
300.00mm
Female
Female
24 AWG
UL 1007
L1NK 396
797582145
150.00mm
Female
Female
18 AWG
UL 1051
797582146
300.00mm
Female
Female
18 AWG
UL 1051
Mega-Fit
797582037
150.00mm
Female
Female
16 AWG
UL 1015
797582038
300.00mm
Female
Female
16 AWG
UL 1015
797582039
150.00mm
Female
Female
12 AWG
UL 1015
797582040
300.00mm
Female
Female
12 AWG
UL 1015
Micro-Clasp
797581001
150.00mm
Female
Female
24 AWG
UL 1007
797581002
300.00mm
Female
Female
24 AWG
UL 1007
Micro-Fit 3.0
797580002
150.00mm
Female
Female
20 AWG
UL 1061
797580004
150.00mm
Female
Female
20 AWG
UL 1061
797580010
300.00mm
Female
Female
20 AWG
UL 1061
797580012
300.00mm
Female
Female
20 AWG
UL 1061
Micro-Lock Plus
797582143
150.00mm
Female
Female
26 AWG
UL 1061
797582144
300.00mm
Female
Female
26 AWG
UL 1061
797581148
150.00mm
Female
Female
26 AWG
UL 1061
797581149
300.00mm
Female
Female
26 AWG
UL 1061
Milli-Grid
797581095
150.00mm
Female
Female
24 AWG
UL 1061
797581096
300.00mm
Female
Female
24 AWG
UL 1061
Mini-Fit
797580001
150.00mm
Female
Female
18 AWG
UL 1061
797580005
150.00mm
Male
Male
18 AWG
UL 1061
797580009
300.00mm
Female
Female
18 AWG
UL 1061
797580013
300.00mm
Male
Male
18 AWG
UL 1061
Mini-Lock
797582147
150.00mm
Female
Female
22 AWG
UL 1061
797582148
300.00mm
Female
Female
22 AWG
UL 1061
MLX
797582029
150.00mm
Male
Male
18 AWG
UL 1015
797582030
300.00mm
Male
Male
18 AWG
UL 1015
797582031
150.00mm
Female
Female
18 AWG
UL 1015
797582032
300.00mm
Female
Female
18 AWG
UL 1015
Multicat
797582059
150.00mm
Male
Male
8 AWG
UL 1199
797582060
300.00mm
Male
Male
9 AWG
UL 1199
797582061
150.00mm
Male
Male
12 AWG
UL 1199
797582062
300.00mm
Male
Male
12 AWG
UL 1199
797582063
150.00mm
Male
Male
16 AWG
UL 1199
797582064
300.00mm
Male
Male
16 AWG
UL 1199
797582065
150.00mm
Female
Female
8 AWG
UL 1199
797582066
300.00mm
Female
Female
8 AWG
UL 1199
797582067
150.00mm
Female
Female
12 AWG
UL 1199
797582068
300.00mm
Female
Female
12 AWG
UL 1199
797582069
150.00mm
Female
Female
16 AWG
UL 1199
797582070
300.00mm
Female
Female
16 AWG
UL 1199
Nano-Fit
797582129
150.00mm
Female
Female
20 AWG
UL 1061
797582130
300.00mm
Female
Female
20 AWG
UL 1061
797582139
150.00mm
Female
Female
20 AWG
UL 1061
797582140
300.00mm
Female
Female
20 AWG
UL 1061
PicoBlade
797581059
150.00mm
Female
Female
28 AWG
UL 1061
797581060
300.00mm
Female
Female
28 AWG
UL 1061
797581061
150.00mm
Female
Female
28 AWG
UL 1061
797581062
150.00mm
Female
Male
28 AWG
UL 1061
797581063
300.00mm
Female
Male
28 AWG
UL 1061
797580006
150.00mm
Female
Female
26 AWG
UL 1061
797580014
300.00mm
Female
Female
26 AWG
UL 1061
Pre-Crimped Leads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com