Electronic Components Datasheet Search
  English  ▼

X  

ZUS32415 Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # ZUS32415
Description  DC-DC Converters PCB Mount type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS32415 Datasheet(HTML) 1 Page - COSEL CO., LTD.

  ZUS32415 Datasheet HTML 1Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 2Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 3Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 4Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 5Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 6Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 7Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 8Page - COSEL CO., LTD. ZUS32415 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MODEL
ZUS1R50505 ZUS1R50512 ZUS1R50515 ZUS1R51205 ZUS1R51212 ZUS1R51215 ZUS1R52405 ZUS1R52412 ZUS1R52415 ZUS1R54805 ZUS1R54812 ZUS1R54815
MAX OUTPUT WATTAGE[W]
1.50
1.56
1.50
1.50
1.56
1.50
1.50
1.56
1.50
1.50
1.56
1.50
DC OUTPUT
VOLTAGE[V] 5
12155
12
15
5
12155
12
15
CURRENT[A] 0.30
0.13
0.10
0.30
0.13
0.10
0.30
0.13
0.10
0.30
0.13
0.10
SPECIFICATIONS
MODEL
ZUS1R50505 ZUS1R50512 ZUS1R50515 ZUS1R51205 ZUS1R51212 ZUS1R51215 ZUS1R52405 ZUS1R52412 ZUS1R52415 ZUS1R54805 ZUS1R54812 ZUS1R54815
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
DC18 - 36
DC36 - 72
CURRENT[A]
*1
0.441typ 0.459typ 0.441typ 0.176typ 0.183typ 0.176typ 0.088typ 0.092typ 0.088typ 0.043typ 0.045typ 0.043typ
EFFICIENCY[%]
*1
68typ
68typ
68typ
71typ
71typ
71typ
71typ
71typ
71typ
73typ
73typ
73typ
OUTPUT
VOLTAGE[V]
5
12155
12
15
5
12155
12
15
CURRENT[A]
0.30
0.13
0.10
0.30
0.13
0.10
0.30
0.13
0.10
0.30
0.13
0.10
LINE REGULATION[mV]
20max
48max
60max
20max
48max
60max
20max
48max
60max
20max
48max
60max
LOAD REGULATION[mV] 40max
100max 120max 40max
100max 120max 40max
100max 120max 40max
100max 120max
RIPPLE[mVp-p]
*2
80max
120max 120max 80max
120max 120max 80max
120max 120max 80max
120max 120max
RIPPLE NOISE[mVp-p] *2 120max 150max 150max 120max 150max 150max 120max 150max 150max 120max 150max 150max
TEMPERATURE REGULATION[mV] -20 to +55
C 50max 150max 180max 50max 150max 180max 50max 150max 180max 50max 150max 180max
DRIFT[mV]
*3
20max
48max
60max
20max
48max
60max
20max
48max
60max
20max
48max
60max
START-UP TIME[ms]
20max (Minimum input, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed
OUTPUT VOLTAGE SETTING[V] 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75 4.85 - 5.25 11.40 - 12.60 14.25 - 15.75
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
ISOLATION
INPUT-OUTPUT
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
INPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
OUTPUT-CASE
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -20 to +71
C, 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +85
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, EN60950-1, EN50178, CSA C22.2 No.60950-1 Complies with IEC60950-1
OTHERS
CASE SIZE/WEIGHT
27.5
X7X18mm (WXHXD) / 10g max
COOLING METHOD
Convection
*1 Rated input 5V, 12V, 24V or 48V DC Io=100%.
*2 Measured by 20MHz oscilloscope.
*3 The drift is a change at 25C of ambient temperature and 30 minutes - 8 hours after the input voltage applied at rated input/output.
* Series/Parallel operation with other model is not possible.
ZUS1R5
DC-DC Converters PCB Mount type
ZU
S
1R5
12
05
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
R
12345
ZU/ZT
ZU/ZT-2
June 29, 2011


Similar Part No. - ZUS32415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS32412 ETC2-ZUS32412 Datasheet
492Kb / 12P
20max (Minimum input, Io=100%)
More results

Similar Description - ZUS32415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
DC-DC Converters PCB Mount type
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com