Electronic Components Datasheet Search
  English  ▼

X  

24-21 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # 24-21
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-21 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button 24-21 Datasheet HTML 5Page - Amphenol Corporation 24-21 Datasheet HTML 6Page - Amphenol Corporation 24-21 Datasheet HTML 7Page - Amphenol Corporation 24-21 Datasheet HTML 8Page - Amphenol Corporation 24-21 Datasheet HTML 9Page - Amphenol Corporation 24-21 Datasheet HTML 10Page - Amphenol Corporation 24-21 Datasheet HTML 11Page - Amphenol Corporation 24-21 Datasheet HTML 12Page - Amphenol Corporation 24-21 Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
7
8
97 series solder type
insert arrangements, cont.
Front view of pin insert or rear of socket insert illustrated.
Items highlighted are most popular and most readily available.
4 Contacts
5 Contacts
MIL-SPEC SERVICE RATING
INST.
A
D
E
B
C
Limiting Operating
DC
250
700
1250
1750
2450
4200
Voltages at Sea Level AC (rms)
200
500
900
1250
1750
3000
See notes 1 and 2 under TEST CURRENT.
INST. service normally for low voltage and currents.
Effective Creepage (nominal) Inch
1/16
1/8
3/16
1/4
5/16
1
mm
1.57
3.18
4.75
6.35
7.92
25.40
Mechanical Spacing (nominal) Inch
1/16
1/8
3.16
1/4
5/16
mm
1.57
3.18
4.75
6.35
7.92
† Inactive for new military design, but available for replacement or for
non-military purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing
catalog number. See how to order, page 19.
TEST CURRENT
Contact Size
16
12
8
4
0
Amperes
13
23
46
80 150
NOTE 1: Transients were not considered in calculating
these values.
NOTE 2: Limiting operating voltages at 50,000 feet alti-
tude are approximately 25% of the sea level
values.
CONTACT LEGEND
16 12
8
4
0
16 12
16
12
IRON
CONSTANTAN
B
C
DA
DA
B
C
A
D
B
C
A
D
B
C
A
B
D
C
D
A
B
C
A
D
B
C
A
B
D
C
A
B
D
C
A
D
CB
A
D
B
C
A
D
B
C
A
D
B
C
A
B
D
C
A B
C
D
E
A
E
B
C
D
A
B
C
D
E
A
B
C
D
E
A
B
C
D
E
A
B
C
D E
A
B
E
DC
A
D
E
B
C
A
B
D
E
C
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com