Electronic Components Datasheet Search
  English  ▼

X  

A3C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A3C
Description  Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3C Datasheet(HTML) 2 Page - Omron Electronics LLC

  A3C Datasheet HTML 1Page - Omron Electronics LLC A3C Datasheet HTML 2Page - Omron Electronics LLC A3C Datasheet HTML 3Page - Omron Electronics LLC A3C Datasheet HTML 4Page - Omron Electronics LLC A3C Datasheet HTML 5Page - Omron Electronics LLC A3C Datasheet HTML 6Page - Omron Electronics LLC A3C Datasheet HTML 7Page - Omron Electronics LLC A3C Datasheet HTML 8Page - Omron Electronics LLC A3C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
A3C
Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
A
3
C
Model Number Legend............................................. When placing your order, specify the individual component part model numbers of
the Pushbutton, Lamp (lighted models only), and Switch, as listed in the ordering
tables below.
For information on combinations, refer to Ordering Information on page 3.
(1)
(2) (3)
(4)
(5)
A3C J - 9 0 A 1 - 24E R
(1) Shape of
Pushbutton
Sym-
bol
Shape
J
Rectan-
gular
A
Square
T
Round
(5) Color of
Pushbutton
For LED Lamp
For Non-lighted
Models
Symbol
Color
R
Red
Y
Yellow
G
Green
W
White
Symbol
Color
R
Red
Y
Yellow
G
Green
W
White
A
Blue
B
Black
(2) Switch Specifications
Standard Load
Microload
• Standard Load
0.5 A at 250 VAC
1 A at 125 VAC
1 A at 30 VDC
•Microload
0.1 A at 125 VAC
0.1 A at 30 VDC
Minimum applicable load
1 mA at 5 VDC
Momentary-action: Self-resetting
Alternate-action: Self-holding
Sym-
bol
Type
Operation
Contact
A
Solder
termi-
nal
Momentary
1a1b
B
Alternate
Sym-
bol
Type
Operation
Contact
E
Solder
termi-
nal
Momentary
1a1b
F
Alternate
(3) Lighted/
Non-lighted
Symbol
Type
0
Non-lighted
1
Illumination
only
(4) Lighting Method
LED Lamp-lighted
Models
Non-lighted
Models
No symbol
Symbol
Operating
voltage
05E
5 VDC
12E
12 VDC
24E
24 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com