Electronic Components Datasheet Search
  English  ▼

X  

32-7 Datasheet(PDF) 21 Page - Amphenol Corporation

Part # 32-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

32-7 Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button 32-7 Datasheet HTML 17Page - Amphenol Corporation 32-7 Datasheet HTML 18Page - Amphenol Corporation 32-7 Datasheet HTML 19Page - Amphenol Corporation 32-7 Datasheet HTML 20Page - Amphenol Corporation 32-7 Datasheet HTML 21Page - Amphenol Corporation 32-7 Datasheet HTML 22Page - Amphenol Corporation 32-7 Datasheet HTML 23Page - Amphenol Corporation 32-7 Datasheet HTML 24Page - Amphenol Corporation 32-7 Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
19
DESIGN CHARACTERISTICS
• Rugged metal shell
• Conductive finish
• Stamped & formed crimp contacts
• Closed entry socket contacts
• Plastic retention
• Utilizes standard 97 Series hardware
• Intermateable and intermountable with existing
97 Series and SAE AS50151 connectors
• Underwriters Laboratories approved
recognition File E115497
• Canadian Standards Association Certification
File #069183_0_000
• CE Certification Registration No.: AT1312862E
CUSTOMER OPTIONS
• Positive self-centering of contacts; pins bent up
to 20° will pick up
• Reduced user cost due to high speed termination
• Less equipment down-time due to fatigue failure
at wire contact junction or handling damage
• Greater contact to contact insulation, lighter
weight, higher reliability
• No costly re-design or rework necessary on
existing equipment
• Complete flexibility through multi-source
product availability
The Amphenol 97-410X connector design incorporates
Poke Home® Rear Release contacts. The 97 Series
Rear Release line is intermateable and intermountable
with existing 97 Series and SAE AS50151 type shell styles
in both plugs and receptacles. The connectors utilize 97
Series clear cadmium plated shells and standard insert
configurations.
The connector is designed to be used with stamped and
formed type crimp contacts. Contact design (size 16 only)
incorporates insulation crimp support for greater strength
at wire termination end. Contacts are available on reel
assemblies for use with the high speed Amphenol stripper
crimper capable of crimping 1500 contacts per hour. Hand
crimp tools and bulk packaged contacts are also available.
Standard hardware available for the 97 Series connector
can be used with the 97 Series crimp contact rear release
line. Accessories should be ordered with the appropriate
deviation number to match the connector finish. See
how to order, page 25, for 97 Series connectors with
crimp contacts.
Amphenol 97 Series Connectors
with rear release crimp contacts
®
97-4100A
97-4102A
97-4106A
97-4107A
97-4108B
97-4101A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com