Electronic Components Datasheet Search
  English  ▼

X  

UM2637 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM2637
Description  Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2637 Datasheet(HTML) 1 Page - STMicroelectronics

  UM2637 Datasheet HTML 1Page - STMicroelectronics UM2637 Datasheet HTML 2Page - STMicroelectronics UM2637 Datasheet HTML 3Page - STMicroelectronics UM2637 Datasheet HTML 4Page - STMicroelectronics UM2637 Datasheet HTML 5Page - STMicroelectronics UM2637 Datasheet HTML 6Page - STMicroelectronics UM2637 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
Common features:
–
STM32MP157 Arm®-based dual Cortex®
‑A7 800 MHz 32 bits +
Cortex®
‑M4 32 bits MPU in a TFBGA361 package
–
ST PMIC STPMIC1
–
4-Gbit DDR3L, 16 bits, 533 MHz
–
1-Gbit/s Ethernet (RGMII) compliant with IEEE-802.3ab
–
USB OTG HS
–
Audio codec
–
4 user LEDs
–
2 user and reset push-buttons, 1 wake-up button
–
5 V / 3 A USB Type-C® power supply input (not provided)
–
Board connectors:
◦
Ethernet RJ45
◦
4 × USB Host Type-A
◦
USB Type-C® DRP
◦
MIPI DSI®
◦
HDMI®
◦
Stereo headset jack including analog microphone input
◦
microSD™ card
◦
GPIO expansion connector (Raspberry Pi® shield capability)
◦
ARDUINO® Uno V3 expansion connectors
–
On-board ST-LINK/V2-1 debugger/programmer with USB re-
enumeration capability: Virtual COM port and debug port
–
STM32CubeMP1 and full mainline open-source Linux® STM32 MPU
OpenSTLinux Distribution (such as STM32MP1Starter) software and
examples
–
Support of a wide choice of Integrated Development Environments
(IDEs) including IAR Embedded Workbench®, MDK-ARM, and
STM32CubeIDE
•
Board-specific features:
–
4" TFT 480×800 pixels with LED backlight, MIPI DSI® interface, and
capacitive touch panel
–
Wi
‑Fi® 802.11b/g/n
–
Bluetooth® Low Energy 4.1
STM32MP157F-DK2 top view with
display removed. Picture is not
contractual.
Product status link
STM32MP157D-DK1
STM32MP157F-DK2
Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
STM32MP157D-DK1 STM32MP157F-DK2
Data brief
DB4022 - Rev 2 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - UM2637

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM2601 UNITPOWER-UM2601 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM2601 DOINGTER-UM2601 Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET useadvanced trench Technology
logo
Unitpower Technology Li...
UM2605 UNITPOWER-UM2605 Datasheet
976Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640 UTC-UM2640 Datasheet
193Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results

Similar Description - UM2637

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
SMD VCXO LVDS Output frequency up to 800 MHz
logo
KR Electronics, Inc.
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
Silicon Laboratories
1104181 SILABS-1104181 Datasheet
109Kb / 1P
Description of Change: Maximum input/output frequency increased from 710 MHz to 711 MHz
logo
STMicroelectronics
STM32L-DISCOVERY STMICROELECTRONICS-STM32L-DISCOVERY Datasheet
251Kb / 3P
Discovery kits for STM32L151/152 line
29-Sep-2014
logo
NXP Semiconductors
AN11097 NXP-AN11097 Datasheet
1Mb / 18P
CMMB LNA with BGU7003, 400 MHz to 800 MHz
Rev. 01-29 March 2012
logo
STMicroelectronics
STM32H745I-DISCO STMICROELECTRONICS-STM32H745I-DISCO Datasheet
2Mb / 6P
Discovery kits with STM32H745XI and STM32H750XB MCUs
Rev 2 - April 2019
STM32MP157A-EV1 STMICROELECTRONICS-STM32MP157A-EV1 Datasheet
3Mb / 7P
Evaluation boards with STM32MP157 MPUs
August 2019
STM32MP157D-EV1 STMICROELECTRONICS-STM32MP157D-EV1 Datasheet
3Mb / 7P
Evaluation boards with increased-frequency 800 MHz STM32MP157 MPUs
October 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com