Electronic Components Datasheet Search
  English  ▼

X  

10SL-3P Datasheet(PDF) 30 Page - Amphenol Corporation

Part # 10SL-3P
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10SL-3P Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button 10SL-3P Datasheet HTML 26Page - Amphenol Corporation 10SL-3P Datasheet HTML 27Page - Amphenol Corporation 10SL-3P Datasheet HTML 28Page - Amphenol Corporation 10SL-3P Datasheet HTML 29Page - Amphenol Corporation 10SL-3P Datasheet HTML 30Page - Amphenol Corporation 10SL-3P Datasheet HTML 31Page - Amphenol Corporation 10SL-3P Datasheet HTML 32Page - Amphenol Corporation 10SL-3P Datasheet HTML 33Page - Amphenol Corporation 10SL-3P Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
28
97 series accessories
cable clamps, bushing
Cable Clamp MS3057A Type
For jacketed cable or wires protected by tub-
ing. Both clamping halves float for maximum
strain relief. For unjacketed cable or wires,
use corresponding MS3420 bushing. To order
clamp with bushing, add -1 to the 97-number.
Two telescoping bushings are furnished with
shells sizes 24 and larger.
This cable clamp is limited to the following
plating variations:
Std - olive drab/green chromate
(621) - black zinc alloy
(676) - bright nickel
(624) - green zinc alloy
(689) - electroless nickel
Bushing MS3420
Rubber bushing specifically designed for
MS3057A type cable clamp. Can also be
used as a reducing bushing.
Cable Clamp AN3057 Type
For jacketed cable or wires protected by tubing. Cable or wires
should be centered in jaws of clamp for maximum grip. A vinyl or
rubber bushing or sleeve may be used for centering. One resil-
ient washer and two fiber washers are included with each clamp.
This cable clamp is limited to the following plating variations:
Std - olive drab/green chromate
(621) - black zinc alloy
(676) - bright nickel
(624) - green zinc alloy
(689) - electroless nickel
Amphenol
Part Number
Shell Size
Max. O.D. Cable
A
B
C
Threads
Inch
mm
Inch
mm
Inch
mm
Inch
mm
97-3057-1004 10SL, 12S
5/16 7.92
.795 20.19
.842 21.39 5/16
7.92
5/8-24
97-3057-1007 12SL, 14, 14S
7/16 11.10
.850 21.59
.995 25.27 7/16 11.10
3/4-20
97-3057-1008 16, 16S
9/16 14.27
.920 23.37 1.120 28.45 9/16 14.27
7/8-20
97-3057-1010 18
5/8 15.88
.920 23.37 1.216 30.89 5/8
15.88
1 -20
97-3057-1012 20, 22
3/4 19.05
.927 23.55 1.403 35.64 3/4
19.05 1-3/16-18
97-3057-1016 24, 28
15/16 23.80 1.015 25.78 1.683 42.75 15/16 23.80 1-7/16-18
97-3057-1020 32
1-1/4 31.75 1.095 27.81 2.050 52.07 1-1/4 31.75
1-3/4-18
97-3057-1024 36
1-3/8 34.93 1.156 29.36 2.245 57.02 1-3/8 34.93
2 -18
Bushing Part Number
A
B
C
D
E
F
MS
Amphenol
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
3420-3
9779-513-3
.130 3.30 .210 5.33 .374 9.50 2.875 73.03 1/32
.79 1/32
.79
3420-4
9779-513-4
.220 5.59 .302 7.67 .500 12.70 2.750 69.85 1/32
.79 1/32
.79
3420-6
9779-513-6
.312 7.92 .427 10.85 .614 15.60 2.625 66.68 1/32
.79 1/16 1.57
3420-8
9779-513-8
.437 11.10 .552 14.02 .739 18.77 2.500 63.50 1/16 1.57 1/16 1.57
3420-10 9779-513-10 .562 14.27 .615 15.62 .889 22.58 2.375 60.33 1/16 1.57 1/16 1.57
3420-12 9779-513-12 .625 15.88 .740 18.80 1.084 27.53 2.250 57.15 1/16 1.57 1/16 1.57
3420-16 9779-513-16 .750 19.05 .927 23.55 1.309 26.39 2.125 53.98 1/16 1.57 1/16 1.57
3420-20 9779-513-20 .937 23.80 1.240 31.50 1.591 40.41 2.000 50.80 1/16 1.57 1/16 1.57
3420-24 9779-513-24 1.250 31.75 1.365 34.67 1.842 46.79 1.875 47.63 1/16 1.57 1/16 1.57
AN Number
Fits
Shell Size
Fits AN
Fitting Size
Max O.D. Cable
A
B
E
F
Threads
Weight
Lbs. per 100
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
97-3057-3
8S, 10S
3
1/4
6.35
11/16 17.45 1
25.40
1/4
6.35
1/8
3.18
1/2-28
1.89
97-3057-4
10SL, 12S
4
5/16
7.92
25/32 19.84 1
25.40
5/16
7.92
3/16
4.75
5/8-24
2.12
97-3057-6
12SL, 14, 14S
6
7/16
11.10
15/16 23.80 1-5/64 27.38
7/16
11.10
3/16
4.75
3/4-20
2.94
97-3057-8
16, 16S
8
9/16
14.27 1-1/16
26.97 1-1/8
28.58
9/16
14.27
9/32
7.14
7/8-20
3.44
97-3057-10 18
10
5/8
15.88 1-3/16
30.15 1-1/8
28.58
5/8
15.88
5/16
7.92
1 -20
4.72
97-3057-12 20, 22
12
3/4
19.05 1-3/8
34.93 1-3/16 30.15
3/4
19.05
5/16
7.92
1-3/16-18
6.10
97-3057-16 24, 28
16
15/16 23.80 1-5/8
41.28 1-5/16 33.32 15/16
23.80
3/8
9.53
1-7/16-18
8.71
97-3057-20 32
20
1-1/4
31.75 1-15/16 49.20 1-1/2
38.10 1-1/4
31.75
1/2
12.70
1-3/4-18
14.85
97-3057-24 36
24
1-3/8
34.93 2-3/16
55.55 1-9/16 39.67 1-3/8
34.93 19/32
15.06
2 -18
18.15
97-3057-28 40
28
1-5/8
41.28 2-1/2
63.50 1-9/16 39.67 1-5/8
41.28 21/32
16.66
2-1/4-16
21.50
B
A
C
B
C
E
F
D
A
1/64
1/32 Radius
1/16
45
°
F
B
E
A
Std - Olive drab/green chromate/cadmium
(639) - Bright chromate/cadmium
RoHS Compliant Suffix:
(621) - Black zinc alloy
(689) - Electroless nickel
(958) - Gray zinc nickel **NEW**
97 series accessories
cable clamps, bushing
Cable Clamp MS3057A Type
For jacketed cable or wires protected by tub-
ing. Both clamping halves float for maximum
strain relief. For unjacketed cable or wires,
use corresponding MS3420 bushing. To order
clamp with bushing, add -1 to the 97-number.
Two telescoping bushings are furnished with
shells sizes 24 and larger.
This cable clamp is limited to the following
plating variations:
Std - olive drab/green chromate
(621) - black zinc alloy
(676) - bright nickel
(624) - green zinc alloy
(689) - electroless nickel
Bushing MS3420
Rubber bushing specifically designed for
MS3057A type cable clamp. Can also be
used as a reducing bushing.
Cable Clamp AN3057 Type
For jacketed cable or wires protected by tubing. Cable or wires
should be centered in jaws of clamp for maximum grip. A vinyl or
rubber bushing or sleeve may be used for centering. One resil-
ient washer and two fiber washers are included with each clamp.
This cable clamp is limited to the following plating variations:
Std - olive drab/green chromate
(621) - black zinc alloy
(676) - bright nickel
(624) - green zinc alloy
(689) - electroless nickel
Amphenol
Part Number
Shell Size
Max. O.D. Cable
A
B
C
Threads
Inch
mm
Inch
mm
Inch
mm
Inch
mm
97-3057-1004 10SL, 12S
5/16 7.92
.795 20.19
.842 21.39 5/16
7.92
5/8-24
97-3057-1007 12SL, 14, 14S
7/16 11.10
.850 21.59
.995 25.27 7/16 11.10
3/4-20
97-3057-1008 16, 16S
9/16 14.27
.920 23.37 1.120 28.45 9/16 14.27
7/8-20
97-3057-1010 18
5/8 15.88
.920 23.37 1.216 30.89 5/8
15.88
1 -20
97-3057-1012 20, 22
3/4 19.05
.927 23.55 1.403 35.64 3/4
19.05 1-3/16-18
97-3057-1016 24, 28
15/16 23.80 1.015 25.78 1.683 42.75 15/16 23.80 1-7/16-18
97-3057-1020 32
1-1/4 31.75 1.095 27.81 2.050 52.07 1-1/4 31.75
1-3/4-18
97-3057-1024 36
1-3/8 34.93 1.156 29.36 2.245 57.02 1-3/8 34.93
2 -18
Bushing Part Number
A
B
C
D
E
F
MS
Amphenol
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
3420-3
9779-513-3
.130 3.30 .210 5.33 .374 9.50 2.875 73.03 1/32
.79 1/32
.79
3420-4
9779-513-4
.220 5.59 .302 7.67 .500 12.70 2.750 69.85 1/32
.79 1/32
.79
3420-6
9779-513-6
.312 7.92 .427 10.85 .614 15.60 2.625 66.68 1/32
.79 1/16 1.57
3420-8
9779-513-8
.437 11.10 .552 14.02 .739 18.77 2.500 63.50 1/16 1.57 1/16 1.57
3420-10 9779-513-10 .562 14.27 .615 15.62 .889 22.58 2.375 60.33 1/16 1.57 1/16 1.57
3420-12 9779-513-12 .625 15.88 .740 18.80 1.084 27.53 2.250 57.15 1/16 1.57 1/16 1.57
3420-16 9779-513-16 .750 19.05 .927 23.55 1.309 26.39 2.125 53.98 1/16 1.57 1/16 1.57
3420-20 9779-513-20 .937 23.80 1.240 31.50 1.591 40.41 2.000 50.80 1/16 1.57 1/16 1.57
3420-24 9779-513-24 1.250 31.75 1.365 34.67 1.842 46.79 1.875 47.63 1/16 1.57 1/16 1.57
AN Number
Fits
Shell Size
Fits AN
Fitting Size
Max O.D. Cable
A
B
E
F
Threads
Weight
Lbs. per 100
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
97-3057-3
8S, 10S
3
1/4
6.35
11/16 17.45 1
25.40
1/4
6.35
1/8
3.18
1/2-28
1.89
97-3057-4
10SL, 12S
4
5/16
7.92
25/32 19.84 1
25.40
5/16
7.92
3/16
4.75
5/8-24
2.12
97-3057-6
12SL, 14, 14S
6
7/16
11.10
15/16 23.80 1-5/64 27.38
7/16
11.10
3/16
4.75
3/4-20
2.94
97-3057-8
16, 16S
8
9/16
14.27 1-1/16
26.97 1-1/8
28.58
9/16
14.27
9/32
7.14
7/8-20
3.44
97-3057-10 18
10
5/8
15.88 1-3/16
30.15 1-1/8
28.58
5/8
15.88
5/16
7.92
1 -20
4.72
97-3057-12 20, 22
12
3/4
19.05 1-3/8
34.93 1-3/16 30.15
3/4
19.05
5/16
7.92
1-3/16-18
6.10
97-3057-16 24, 28
16
15/16 23.80 1-5/8
41.28 1-5/16 33.32 15/16
23.80
3/8
9.53
1-7/16-18
8.71
97-3057-20 32
20
1-1/4
31.75 1-15/16 49.20 1-1/2
38.10 1-1/4
31.75
1/2
12.70
1-3/4-18
14.85
97-3057-24 36
24
1-3/8
34.93 2-3/16
55.55 1-9/16 39.67 1-3/8
34.93 19/32
15.06
2 -18
18.15
97-3057-28 40
28
1-5/8
41.28 2-1/2
63.50 1-9/16 39.67 1-5/8
41.28 21/32
16.66
2-1/4-16
21.50
B
A
C
B
C
E
F
D
A
1/64
1/32 Radius
1/16
45
°
F
B
E
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com