| Electronic Components Datasheet Search |
|
MJ10021 Datasheet(PDF) 9 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
MJ10021 Datasheet(HTML) 9 Page - Continental Device India Limited |
|
9 / 10 page ![]() Continental Device India Pvt. Limited An IATF 16949, ISO9001 and ISO 14001 Certified Company · Temperature 5 °C to 30 °C · Avoid outdoor exposure or storage in areas subject to rain or water spraying . · Avoid rapid change of temperature. · Avoid condensation. · Mechanical stress such as vibration and impact shall be avoided. · The product shall not be placed directly on the floor. · The product shall be stored on a plane area. They should not be turned upside down. This storage environment assumes that the Diodes and transistors are packed properly inside the original packing supplied by CDIL. · Air should be clean. · Humidity between 40 to 70 %RH · Avoid harmful gas or dust. · Avoid storage in areas subject to corrosive gas or dust. Product shall not be stored in areas exposed to direct sunlight. Recommended Product Storage Environment for Discrete Semiconductor Devices Level Time 1 Unlimited 2 1 Year 2a 4 Weeks 3 168 Hours 4 72 Hours 5 48 Hours 5a 24 Hours 6 Time on Label(TOL) When the products are opened from the original packing, the floor life will start. For this, the following JEDEC table may be referred: · The product shall be stored on a plane area. They should not be turned upside down. They should not be placed against the wall. Condition JEDEC MSL Level Shelf Life of CDIL Products Floor Life of CDIL Products and MSL Level ≤30 °C / 85% RH ≤30 °C / 60% RH ≤30 °C / 60% RH The shelf life of products is the period from product manufacture to shipment to customers. The product can be unconditionally shipped within this period. The period is defined as 2 years. If products are stored longer than the shelf life of 2 years the products shall be subjected to quality check as per CDIL quality procedure. The products are further warranted for another one year after the date of shipment subject to the above conditions in CDIL original packing. ≤30 °C / 60% RH ≤30 °C / 60% RH ≤30 °C / 60% RH ≤30 °C / 60% RH ≤30 °C / 60% RH MJ10020_21 Rev0_04052020EM Continental Device India Pvt. Limited Data Sheet Page 9 of 10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |