Electronic Components Datasheet Search
  English  ▼

X  

MS3057 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MS3057
Description  Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3057 Datasheet(HTML) 1 Page - Amphenol Corporation

  MS3057 Datasheet HTML 1Page - Amphenol Corporation MS3057 Datasheet HTML 2Page - Amphenol Corporation MS3057 Datasheet HTML 3Page - Amphenol Corporation MS3057 Datasheet HTML 4Page - Amphenol Corporation MS3057 Datasheet HTML 5Page - Amphenol Corporation MS3057 Datasheet HTML 6Page - Amphenol Corporation MS3057 Datasheet HTML 7Page - Amphenol Corporation MS3057 Datasheet HTML 8Page - Amphenol Corporation MS3057 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Amphenol R
40
Amphenol MIL-C-5015 Connectors
MS/DS Series
Accessories Dimension
MS3057 style cable clamp was designed for use with jacketed cable or wire
protected by tubing.
Both clamping halves float maximum strain relief. for unjacketed cable or
wires, use corresponding MS3420 telescoping bushing. To order clamp
without bushing, add-1 to the P/N.
Cable Clamp
MS3057
Telescoping grand bushings (used with 3057 clamp) keep dirt, oil and
moisture out of endbell.
Taping or wrapping wires is eliminated since bushing protects wires going thru
clamp.
Combinations of bushing may be used to decrease cable entry diameter to
improve sealing.
Telescoping Bushing
MS3420
MS3057-4A
10SL,12S
5.6
20.3
23.3
5/8-24 NEF
MS3057-6A
14S,14
7.9
22.5
25.9
3/4-20 NEF
MS3057-8A
16S,16
11.1
24.4
28.9
7/8-20 NEF
MS3057-10A
18
14.3
23.6
32.2
1-20 NEF
MS3057-12A
20,22
15.9
23.6
37.8
1 3/16-18 NEF
MS3057-16A
24,28
19.1
26.0
43.4
1 7/16-18 NEF
MS3057-20A
32
23.8
27.7
52.1
1 3/4-18 NS
MS3057-24A
36
31.8
29.2
57.3
2-18 NS
Part
A
B
C
I
Number
Size
0.4
0.8
0.8
Thread-2B
MS3420-4
10SL,12S
5.6
7.7
12.8
69.9
MS3420-6
14S,14
7.9
10.9
15.7
66.7
MS3420-8
16S,16
11.1
14.0
18.9
63.5
MS3420-10
18
14.3
15.6
22.6
60.3
MS3420-12
20,22
15.9
18.8
27.5
57.2
MS3420-16
24,28
19.1
23.6
33.4
54.0
MS3420-20
32
23.8
31.5
40.6
50.8
MS3420-24
36
31.8
34.7
46.9
47.6
Part
A
B
C
D
Number
Size
Max
Max
I
C
B
A
D
C
B
A


Similar Part No. - MS3057

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3057-10A GLENAIR-MS3057-10A Datasheet
54Kb / 1P
AS85049/41 and MS3057A Straight Non-Self-Locking Strain Relief
More results

Similar Description - MS3057

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com