Electronic Components Datasheet Search
  English  ▼

X  

ALC201 Datasheet(PDF) 1 Page - TDK Electronics

Part # ALC201
Description  Signal Line Common Mode Chokes/Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ALC201 Datasheet(HTML) 1 Page - TDK Electronics

  ALC201 Datasheet HTML 1Page - TDK Electronics ALC201 Datasheet HTML 2Page - TDK Electronics ALC201 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Signal Line Common Mode Chokes/Filters
1 of 3
Creation Date : October 23, 2023 (GMT)
ALC2012-900-2P-T00
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Applications
Commercial Grade
Feature
Wire Wound
Wire Wound
High-speed
High-speed signal
Series
ALC
Status
Production
Brand
TDK
Size
Length(L)
2.00mm ±0.20mm
Width(W)
1.20mm ±0.20mm
Thickness | Height
1.20mm ±0.10mm
Electrical Characteristics
Common-mode Impedance [Typ.]
90Ω at 100MHz
Common-mode Impedance [Min.]
65Ω at 100MHz
Common-mode Inductance
Rated Current
400mA
Rated Voltage
50VDC
Insulation Resistance [Min.]
10MΩ
DC Resistance
190mΩ Max.
Other
Operating Temp. Range
-40 to 85°C
Soldering Method
Reflow
Iron Soldering
AEC-Q200
NO
Packing
Embossed (Plastic)Taping [180mm Reel, Tape width 8mm]
Package Quantity
2000pcs
Weight
0.01g


Similar Part No. - ALC201

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
Signal Line Common Mode Chokes/Filters
More results

Similar Description - ALC201

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
SIGNAL LINE FILTERS COMMON MODE CHOKES
logo
TDK Electronics
ACT1210-110-2P-TL00 TDK-ACT1210-110-2P-TL00_17 Datasheet
189Kb / 3P
Common Mode Filters / Chokes
ACT1210-510-2P-TL00 TDK-ACT1210-510-2P-TL00_17 Datasheet
191Kb / 3P
Common Mode Filters / Chokes
ACM2012-681-2P-T001 TDK-ACM2012-681-2P-T001 Datasheet
83Kb / 3P
Common Mode Filters / Chokes
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003 Datasheet
189Kb / 3P
Common Mode Filters / Chokes
B82791G0014A017 TDK-B82791G0014A017 Datasheet
140Kb / 3P
Common Mode Filters / Chokes
B82791G0015A014 TDK-B82791G0015A014 Datasheet
152Kb / 3P
Common Mode Filters / Chokes
B82791G0015A016 TDK-B82791G0015A016 Datasheet
152Kb / 3P
Common Mode Filters / Chokes
B82791H0015A025 TDK-B82791H0015A025 Datasheet
154Kb / 3P
Common Mode Filters / Chokes
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
Signal Line Common Mode Chokes/Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com