Electronic Components Datasheet Search
  English  ▼

X  

212002000 Datasheet(PDF) 21 Page - ITT Industries

Part # 212002000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

212002000 Datasheet(HTML) 21 Page - ITT Industries

Back Button 212002000 Datasheet HTML 15Page - ITT Industries 212002000 Datasheet HTML 16Page - ITT Industries 212002000 Datasheet HTML 17Page - ITT Industries 212002000 Datasheet HTML 18Page - ITT Industries 212002000 Datasheet HTML 19Page - ITT Industries 212002000 Datasheet HTML 20Page - ITT Industries 212002000 Datasheet HTML 21Page - ITT Industries 212002000 Datasheet HTML 22Page - ITT Industries 212002000 Datasheet HTML 23Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PART NO.
472900201
MATERIAL
Brass; Finish: Nickel plated
A SERIES
STOP RINGS
SWITCH ENCLOSURES
TC-2 THRU-BOLT MOUNTING, 1/2-14 NPSM CONDUIT THREAD (Straight Thread)
TC-4 THRU-BOLT MOUNTING, 1/2-14 NPT CONDUIT THREAD (Tapered Thread)
638100000
638101000
INNER-W/SHORT TAB
OUTER-W/LONG TAB
PART NO.
One each required for setting stops.
M SERIES
TC-3 FLANGE MOUNTING, 1/2-14 NPSM CONDUIT THREAD (Straight Thread)
TC-5 FLANGE MOUNTING, 1/2-14 NPT CONDUIT THREAD (Tapered Thread)
L
C&K Hardware
L-26
www.ittcannon.com
ITT Industries
Cannon
These enclosures make it easy to install HB and HG Series switches with electrical conduit, electrical tubing or armored cable.
The switch is inserted through the open top of the enclosure and is secured by two screws (furnished). The lower section of the
enclosure is completely removable and gives free access to the switch terminals. Switches having either the flat base or step base
can be used. Switches must be ordered separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23