Electronic Components Datasheet Search
  English  ▼

X  

ESP-07S Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # ESP-07S
Description  ESP-07S User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ESP-07S Datasheet(HTML) 2 Page - rfsolutions.ltd

  ESP-07S Datasheet HTML 1Page - rfsolutions.ltd ESP-07S Datasheet HTML 2Page - rfsolutions.ltd ESP-07S Datasheet HTML 3Page - rfsolutions.ltd ESP-07S Datasheet HTML 4Page - rfsolutions.ltd ESP-07S Datasheet HTML 5Page - rfsolutions.ltd ESP-07S Datasheet HTML 6Page - rfsolutions.ltd ESP-07S Datasheet HTML 7Page - rfsolutions.ltd ESP-07S Datasheet HTML 8Page - rfsolutions.ltd ESP-07S Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ESP-07S
DS-ESP07S-1
FCC STATEMENT
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) This device may not cause harmful interference.
(2) This device must accept any interference received, including interference that may cause undesired
operation.
Any changes or modifications not expressly approved by the party responsible for compliance could void
the user’s authority to operate the equipment.
Please notice that if the FCC identification number is not visible when the module is installed inside an-
other device, then the outside of the device into which the module is installed must also display a label
referring to the enclosed module. This exterior label can use wording such as the following: “Contains
FCC ID: 2AHMR-ESP07S” any similar wording that expresses the same meaning may be used.
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled environment.
This equipment should be installed and operated with a minimum distance of 20cmbetween the radiator &
your body. This transmitter must not be co-located or operating in conjunction with any other antenna or
transmitter.
The module is limited to OEM installation ONLY.
The OEM integrator is responsible for ensuring that the end-user has no manual instruction to remove or
install module.
The module is limited to installation in mobile application;
A separate approval is required for all other operating configurations, including portable configurations
with respect to Part 2.1093 and difference antenna configurations.
There is requirement that the grantee provide guidance to the host manufacturer for compliance with
Part 15B requirements.
ESP-07S User Manual
Important European compliance information for module datasheets
This RF Solutions radio module meets the essential requirements of the European Radio Equipment
Directive 2014/53/EU and has been tested to European Harmonised Standards and CE marked where
space allows. A copy of the EU Declaration of Conformity can be located on the RF Solutions Website,
www.rfsolutions.co.uk/certification-i59.
When using the module in an end product, continued compliance can only be assured by incorporating the
module in accordance with RF Solutions specific installation instructions and in accordance with the
published information on the RF Solutions product data sheet. The antenna gain specification must be
adhered to at all times.
Article 3.1a and 3.1b of the EU Radio Equipment Directive 2014/53/EU should be assessed in the final
product.
Failure to follow this guidance may result in a non-compliant product being place on the European
Market, for which RF Solutions cannot accept any responsibility.
Further guidance may be obtained from RF Solutions Technical Support. Charges may apply to customer
specific product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com