Electronic Components Datasheet Search
  English  ▼

X  

4150101 Datasheet(PDF) 1 Page - Lapp.

Part # 4150101
Description  MULTI-STANDARD SC 2.2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4150101 Datasheet(HTML) 1 Page - Lapp.

  4150101 Datasheet HTML 1Page - Lapp. 4150101 Datasheet HTML 2Page - Lapp. 4150101 Datasheet HTML 3Page - Lapp. 4150101 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT INFORMATION
MULTI-STANDARD SC 2.2
UL-listed (MTW), CSA (TEW), <HAR> H07V2-K: max. +90°C, UL (AWM): Umax = 1 kV, tinned-copper strands
Lapp Kabel® MULTI-STANDARD SC 2.2, power and control cable, PVC single core, field wiring, UL MTW VW-1, UL AWM
10269 1000 V, CSA TEW FT1, HAR H07V2-K +90°C
Info
Higher maximum conductor temperature - H07V2-K: +90 °C according to EN 50525-2-31
Higher voltage range according to UL
Oil-resistant
Benefits
For use in the most important global markets
Reduction in technical documentation
Easier storage; increases the cost-effectiveness of the production process
Works with "Conductor end sleeves XL, insulated"
Application range
Factory wiring
Field wiring
Frequency converter power supply
Internal wiring of devices and in control cabinets
Protected installation in and on lighting equipments
Product features
Flame-retardant according IEC 60332-1-2
Flame-retardant according to UL VW1/CSA FT1
Oil-resistant
Last Update (13.01.2017)
1 / 4
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 4150101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41501010001 MACOM-41501010001 Datasheet
134Kb / 2P
Power Relay 415
41501010002 MACOM-41501010002 Datasheet
134Kb / 2P
Power Relay 415
41501015001 MACOM-41501015001 Datasheet
134Kb / 2P
Power Relay 415
41501015002 MACOM-41501015002 Datasheet
134Kb / 2P
Power Relay 415
More results

Similar Description - 4150101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300003-2 PASTERNACK-PE300003-2 Datasheet
236Kb / 1P
CABLE ASSEMBLY SC TO SC SIMPLEX MULTI MODE
PE300003-3 PASTERNACK-PE300003-3 Datasheet
236Kb / 1P
CABLE ASSEMBLY, SC TO SC SIMPLEX MULTI MODE
PE300009-1 PASTERNACK-PE300009-1 Datasheet
246Kb / 1P
CABLE ASSEMBLY, SC TO SC DUPLEX, MULTI MODE
PE300009-2 PASTERNACK-PE300009-2 Datasheet
246Kb / 1P
CABLE ASSEMBLY, SC TO SC DUPLEX MULTI MODE
PE300009-3 PASTERNACK-PE300009-3 Datasheet
246Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX MULTI MODE
logo
List of Unclassifed Man...
337-0003-R20 ETC2-337-0003-R20 Datasheet
2Mb / 2P
Multi-Standard Module
logo
Molex Electronics Ltd.
0640000041 MOLEX11-0640000041 Datasheet
36Kb / 1P
Manual Standard Press for SC Power Connector
logo
Taoglas antenna solutio...
FXP70.07.0053A TAOGLAS-FXP70.07.0053A Datasheet
765Kb / 11P
Multi Standard Antenna
logo
Kemet Corporation
SC-10-200 KEMET-SC-10-200 Datasheet
477Kb / 6P
SC Coils, Standard Type
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com