Electronic Components Datasheet Search
  English  ▼

X  

ME21 Datasheet(PDF) 9 Page - Schneider Electric

Part # ME21
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ME21 Datasheet(HTML) 9 Page - Schneider Electric

Back Button ME21 Datasheet HTML 5Page - Schneider Electric ME21 Datasheet HTML 6Page - Schneider Electric ME21 Datasheet HTML 7Page - Schneider Electric ME21 Datasheet HTML 8Page - Schneider Electric ME21 Datasheet HTML 9Page - Schneider Electric ME21 Datasheet HTML 10Page - Schneider Electric ME21 Datasheet HTML 11Page - Schneider Electric ME21 Datasheet HTML 12Page - Schneider Electric ME21 Datasheet HTML 13Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Product Selection
9
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2/GV3 SELECTION
.
Accessories and Enclosures GV2 . . . . . . . . . . . . . . . . . . . . . Page 10 through 15
Accessories and Enclosures GV3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 16
GV7 SELECTION
Standard manual controllers and protectors include terminal and device mounting hardware. Cable
clamps and accessories are listed on page 17.
GV2/GV3 Manual Motor Controller and Protector
Setting Range of
Thermal Trips (A)
Maximum Horsepower Ratings
GV2ME ■
Pushbutton
GV2P
Rotary Handle
Single Phase
Three Phase
115 V HP
230 V HP
200 V HP
230 V HP
460 V HP
575 V HP
Catalog Number Catalog Number
0.11 - 0.16
0.016 - 0.25
0.25 - 0.40
0.40 - 0.63
0.63 - 1
1 - 1.6
1.6 - 2.5
2.5 - 4
4 - 6.3
6 - 10
9 - 14
13 - 18
17 - 23
20 - 25
24 - 32
–
–
–
–
–
–
–
1/8
1/4
1/2
3/4
1
1-1/2
2
2
–
–
–
–
–
1/10
1/6
1/3
1/2
1-1/2
2
3
3
3
5
–
–
–
–
–
–
1/2
3/4
1-1/2
2
3
5
5
5
10
–
–
–
–
–
–
1/2
1
1-1/2
3
3
5
7-1/2
7-1/2
10
–
–
–
–
1/2
3/4
1
2
3
5
10
10
15
15
20
–
–
–
–
1/2
1
1-1/2
3
5
7-1/2
10
15
20
20
30
GV2ME01
GV2ME02
GV2ME03
GV2ME04
GV2ME05
GV2ME06
GV2ME07
GV2ME08
GV2ME10
GV2ME14
GV2ME16
GV2ME20
GV2ME21
GV2ME22
GV2ME32
GV2P01
GV2P02
GV2P03
GV2P04
GV2P05
GV2P06
GV2P07
GV2P08
GV2P10
GV2P14
GV2P16
GV2P20
GV2P21
GV2P22
GV2P32
1 - 1.6
1.6 - 2.5
2.5 - 4
4 - 6
6 - 10
10 - 16
16 - 25
25 - 40
40 - 63
56 - 80
–
–
1/8
1/4
1/2
1
2
3
5
5
1/10
1/16
1/3
1/2
1-1/2
2
3
5
10
15
–
1/2
3/4
1-1/2
2
3
5
10
20
20
–
1/2
1
1-1/2
3
5
7-1/2
10
20
25
3/4
1
2
3
5
10
15
30
40
50
1
1-1/2
3
-
7-1/2
10
20
30
60
60
GV3ME06
GV3ME07
GV3ME08
GV3ME10
GV3ME14
GV3ME20
GV3ME25
GV3ME40
GV3ME63
GV3ME80
■
For Spring terminals add 3 to the catalog number. Example: GV2ME013.
Weight: 0.260 kg (0.57 lbs).
Note: GV2ME32 is not available with spring terminals.
GV2ME
GV2ME
••3GV2P
GV3ME
GV7R•••• Manual Motor Controller and Protector
Setting Range of
Thermal Trips (A)
IEC Breaking
Capacity at 415 V
■
Maximum Horsepower Ratings
Catalog
Number
Weight / kg
(lbs)
3 PH
200 V HP
230 V HP
460 V HP
575 V HP
12 – 20
25 kA
510
15
GV7RE20
2.010 (4.43)
15 – 25
7.5
15
20
GV7RE25
2.010 (4.43)
25 – 40
10
30
30
GV7RE40
2.010 (4.43)
30 – 50
15
30
40
GV7RE50
2.015 (4.44)
48 – 80
30
60
75
GV7RE80
2.040 (4.5)
60 – 100 A
30
75
100
GV7RE100
2.040 (4.5)
90 – 150 A
35 kA
50
100
150
GV7RE150
2.020 (4.45)
132 – 220 A
75
150
200
GV7RE220
2.350 (5.18)
12 – 20
65 kA
510
15
GV7RS20
2.010 (4.43)
15 – 25
7.5
15
20
GV7RS25
2.010 (4.43)
25 – 40 A
10
30
30
GV7RS40
2.010 (4.4)
30 – 50 A
15
30
40
GV7RS50
2.015 (4.44)
48 – 80 A
30
60
75
GV7RS80
2.040 (4.5)
60 – 100 A
30
75
100
GV7RS100
2.040 (4.5)
90 – 150 A
50
100
150
GV7RS150
2.020 (4.45)
132 – 220 A
75
150
200
GV7RS220
2.350 (5.18)
■
Refer to table on page 54 for ratings at other voltages.
File E164864
CCN NLRV
File LR 81630
Class 3211 05
05/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com