Electronic Components Datasheet Search
  English  ▼

X  

1135005 Datasheet(PDF) 2 Page - Lapp.

Part # 1135005
Description  ÖLFLEX® CLASSIC 110 CY - PVC control cable, VDE registered, screened, flexible and numbered for various applications, U0/U: 300/500V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1135005 Datasheet(HTML) 2 Page - Lapp.

  1135005 Datasheet HTML 1Page - Lapp. 1135005 Datasheet HTML 2Page - Lapp. 1135005 Datasheet HTML 3Page - Lapp. 1135005 Datasheet HTML 4Page - Lapp. 1135005 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 110 CY
low transfer impedance
(max. 250 Ω/km at 30 MHz)
Norm references / Approvals
VDE reg. no. 7030
Product Make-up
Fine-wire strand made of bare copper wires
PVC insulation LAPP P8/1
Cores twisted in layers
PVC inner sheath, grey
Tinned-copper braiding
PVC outer sheath, transparent
Technical Data
Classification ETIM 5:
ETIM 5.0 Class-ID: EC000104
ETIM 5.0 Class-Description: Control cable
Classification ETIM 6:
ETIM 6.0 Class-ID: EC000104
ETIM 6.0 Class-Description: Control cable
Core identification code:
Black with white numbers acc. to VDE 0293-334
Conductor stranding:
Fine wire according to VDE 0295,
class 5/IEC 60228 class 5
Minimum bending radius:
Occasional flexing: 20 x outer diameter
Fixed installation: 6 x outer diameter
Nominal voltage:
U0/U: 300/500 V
Test voltage:
4000 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Temperature range:
Occasional flexing: -5°C to +70°C
Fixed installation: -40°C to +80°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
Photographs and graphics are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (26.05.2023)
2 / 5
©2023 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com