Electronic Components Datasheet Search
  English  ▼

X  

08FMZ-ST Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # 08FMZ-ST
Description  FMZ CONNECTOR 1.0mm pitch/Connectors for FFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

08FMZ-ST Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  08FMZ-ST Datasheet HTML 1Page - JST Mfg. Co., Ltd. 08FMZ-ST Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
φ0.75
±0.05
2
±0.05
3.05
1
±0.05
Circuit No.1
4.2
φ0.75
±0.05
2
±0.05
3.05
1
±0.05
Circuit No.1
6.5
1
FMZ CONNECTOR
1.0mm pitch/Connectors for FFC
The FMZ series, a Zero Insertion Force
(ZIF) connector series, was developed to
increase wear resistance and extend the
connector's mating life. It is a very
compact connector with a thickness of
only 4.2 mm and a pitch of only 1.0 mm
and is thus useful for high density
packaging. The contact has a reliable
double-leaf construction which provides
stable connection.
• Zero insertion force mechanism
• Temporary retention feature
• Compact
• Double-leaf contact
Specifications –––––––––––––––––––
• Current rating: 0.5 A AC, DC
• Voltage rating: 50 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20 mΩ max.
After environmental tests/ 30 mΩ max.
• Insulation resistance: 800 MΩ min.
• Withstanding voltage: 500 VAC/minute
• Applicable FFC: Conductor pitch/ 1.0 mm
Conductor width/ 0.7 mm
Mating part thickness/
6, 8 to 10, 12 to 16, 20 circuits: 0.3
± 0.05 mm
22, 26, 28, 30 circuits: 0.3
+0.05
0
mm
• Applicable PC board thickness: 0.8 to 1.6 mm
Note: FFC to be actually used should be checked for applicability.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Top entry type
Side entry type
PC board layout and Assembly layout
Note: 1. The above figure is the figure viewed from the connector soldering side.
2. Tolerances are non-cumulative:
±0.05 mm for all centers.
3. Hole dimensions differ according to the type of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.


Similar Part No. - 08FMZ-ST

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
08FMN-BMT-A-TF JST-08FMN-BMT-A-TF Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
08FMN-BMTR-A-TB JST-08FMN-BMTR-A-TB Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
08FMN-BMTTN-A-TF JST-08FMN-BMTTN-A-TF Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
08FMN-BMTTR-A-TB JST-08FMN-BMTTR-A-TB Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
08FMN-BTK-A JST-08FMN-BTK-A Datasheet
193Kb / 3P
1.0mm pitch/Connectors for FFC
More results

Similar Description - 08FMZ-ST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
1.0mm Pitch
046232110015800 AVX-046232110015800 Datasheet
509Kb / 6P
1.0mm Pitch
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
50FY-BMT-TBLFSN ETC2-50FY-BMT-TBLFSN Datasheet
142Kb / 2P
FY CONNECTOR 0.5mm pitch/Connectors for FFC
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
10FE-BT-VK-N ETC2-10FE-BT-VK-N Datasheet
119Kb / 2P
1.25mm pitch Connectors for FFC
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com