Electronic Components Datasheet Search
  English  ▼

X  

4151301 Datasheet(PDF) 2 Page - Lapp.

Part # 4151301
Description  MULTI-STANDARD SC 2.2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4151301 Datasheet(HTML) 2 Page - Lapp.

  4151301 Datasheet HTML 1Page - Lapp. 4151301 Datasheet HTML 2Page - Lapp. 4151301 Datasheet HTML 3Page - Lapp. 4151301 Datasheet HTML 4Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT INFORMATION
MULTI-STANDARD SC 2.2
Norm references / Approvals
Multi-standard cables have conductor strands with nominal sizes in mm² or AWG/kcmil. The master size is mentioned in the
table below, while the equivalent size of the other system can be found in the Appendix T16 of this catalogue. For this related
secondary size the cross-section of the conductor mostly works out to be greater than the
specified nominal value.
Cable type certifications: <HAR> H07V2-K acc. EN 50525-2-31, UL AWM
style 10269 (by UL acc. UL standard UL 758, U.I. Lapp GmbH's UL AWM file number: E63634), (UL) MTW (by UL acc. UL
standard UL 1063, U.I. Lapp GmbH's (UL) MTW
file number: E198296), CSA TEW (by CSA acc.
CSA standard CSA C22.2 No. 127, CSA class 5835-01)
Product Make-up
Fine-wire strand made of tinned-copper wires
Special PVC-based core insulation
Technical Data
Classification:
ETIM 5.0 Class-ID: EC000993
ETIM 5.0 Class-Description: Single core cable
Conductor stranding:
Fine wire according to VDE 0295 Class 5/ IEC 60228 Class 5
Minimum bending radius:
OD ≤ 8 mm: 4 x OD*/2 x OD**;
8 < OD ≤ 12 mm: 5 x OD*/3 x OD**;
OD > 12 mm: 6 x OD*/4 x OD**
Nominal voltage:
HAR / IEC: U0/U: 450/750 V;
UL (AWM): U: 1000 V;
UL (MTW): U: 600 V;
CSA (TEW): U: 600 V
Temperature range:
Fixed installation:
HAR/IEC: -40°C to +90°C;
UL (AWM): -40°C to +105°C;
UL (MTW): -40°C to +90°C;
CSA (TEW): -40°C to +105°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Packaging size: Coil ≤ 30 kg, otherwise drum
Photographs are not to scale and do not represent detailed images of the respective products.
* Prices are net prices without VAT and surcharges. Sale to business customers.
Non-harmonsided, nominal cross-sections: 0.5 mm², 0.75 mm², 1 mm², 16 mm², 50 mm², 70 mm², 95 mm², 120 mm²
*for conventional use, **for careful bending; "OD" = outer diameter
The outer diameters stated in the part number table are maximum values.
Last Update (13.01.2017)
2 / 4
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com