Electronic Components Datasheet Search
  English  ▼

X  

1135607 Datasheet(PDF) 1 Page - Lapp.

Part # 1135607
Description  ÖLFLEX® CLASSIC 110 CY - PVC control cable, VDE registered, screened, flexible and numbered for various applications, U0/U: 300/500V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1135607 Datasheet(HTML) 1 Page - Lapp.

  1135607 Datasheet HTML 1Page - Lapp. 1135607 Datasheet HTML 2Page - Lapp. 1135607 Datasheet HTML 3Page - Lapp. 1135607 Datasheet HTML 4Page - Lapp. 1135607 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 110 CY
Screened PVC control cable with transparent outer sheath
ÖLFLEX® CLASSIC 110 CY - PVC control cable, VDE registered, screened, flexible and numbered for various applications, U0/U:
300/500V
Info
CPR: Article number choice under www.lappkabel.com/cpr
VDE reg. no. 7030
EMC-compliant
Good chemical resistance
Interference signals
Benefits
Space-saving installation due to small cable diameters
High electrical performance due to 4 kV test voltage
Application range
Plant engineering
Industrial machinery
Heating and air-conditioning systems
Conveyor and transport systems
In EMC-sensitive environments
(electromagnetic compatibility)
Product features
Flame-retardant according IEC 60332-1-2
Good chemical resistance, see catalogue appendix T1
High degree of screening
Last Update (26.05.2023)
1 / 5
©2023 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 1135607

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1135 JMK-1135 Datasheet
50Kb / 1P
Operating Voltage= 100 Vdc OperatingCurrentMax= 1,2,3,5 & 10amps
logo
Videk Ltd
1135 VIDEK-1135 Datasheet
211Kb / 2P
Serial RS232 Cables Fully Moulded Universal RS232 25 D Type Cables
logo
Adafruit Industries
1135 ADAFRUIT-1135 Datasheet
102Kb / 2P
Adafruit Perma-Proto Raspberry Pi Breadboard PCB Kit
logo
CEE Norm UK Ltd
1135 CEENORM-1135 Datasheet
1Mb / 4P
Socket Outlets
logo
HellermannTyton.
1135-1-G HELLERMANNTYTON-1135-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 1135607

ManufacturerPart #DatasheetDescription
logo
Lapp.
00100004 LAPP-00100004 Datasheet
84Kb / 1P
OLFEX CLASSIC 100 300/500V
24.02.2022
0035001 LAPP-0035001 Datasheet
66Kb / 1P
OLFLEX® CLASSIC 100 CY 300/500 V
21.06.2023
1121200 LAPP-1121200 Datasheet
67Kb / 1P
OLFLEX® CLASSIC 110 CY BLACK 0,6/ 1kV
01.01.2019
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
1136752 LAPP-1136752 Datasheet
65Kb / 1P
OLFLEX® CLASSIC 115 CY
01.01.2019
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
1120366 LAPP-1120366 Datasheet
237Kb / 5P
ÖLFLEX® CLASSIC 110 BLACK 0,6/1 kV
14.11.2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com