Electronic Components Datasheet Search
  English  ▼

X  

GV2AF4 Datasheet(PDF) 26 Page - Schneider Electric

Part # GV2AF4
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AF4 Datasheet(HTML) 26 Page - Schneider Electric

Back Button GV2AF4 Datasheet HTML 22Page - Schneider Electric GV2AF4 Datasheet HTML 23Page - Schneider Electric GV2AF4 Datasheet HTML 24Page - Schneider Electric GV2AF4 Datasheet HTML 25Page - Schneider Electric GV2AF4 Datasheet HTML 26Page - Schneider Electric GV2AF4 Datasheet HTML 27Page - Schneider Electric GV2AF4 Datasheet HTML 28Page - Schneider Electric GV2AF4 Datasheet HTML 29Page - Schneider Electric GV2AF4 Datasheet HTML 30Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
26
10/02
GV2 Auxiliary Contact Specifications (continued)
Type
Instantaneous Auxiliary Contacts GV2AE
Rated insulation voltage (Ui) (associated
insulation coordination) conforming to
IEC 60947-1
V
250 (690 with respect to main circuit)
to CSA C22.2 No. 14 and UL 508
V
300
Conventional rated thermal current
(Ith) conforming to IEC 60947-5-1
A2.5
to CSA C22.2 No. 14 and UL 508
A
1
Mechanical life
ops
100 000
Operational power and current
to IEC 60947-5-1. a.c. operation
AC-15/100 000 ops (closing / opening)
Rated operational voltage (Ue)
V
24
48
110
127
230
240
Operational power, normal conditions
VA
48
60
120
120
Occasional breaking and making
capacities, abnormal conditions
VA
480
600
1270
2400
Rated operational current (Ie)
A
2
1.25
1
0.5
Operational power and current
to IEC 60947-5-1. d.c. operation
DC-13/100 000 ops (closing / opening)
Rated operational voltage (Ue)
Operational power, normal conditions
Occasional breaking and making
capacities, abnormal conditions
Rated operational current (Ie)
V
24
4860–
W24
15
9
–
W
100
50
50
–
A1
0.3
0.15
–
Low level switching contact reliability
Number of faults for “n” million operating cycles (17 V-5 mA): = 10-6
Short circuit protection
By GB2CB06 circuit breaker or gG fuse, 10 A max
Wiring (screw clamp)
Min
Max
Number of conductors and cross
sectional area (c.s.a.) Solid cable
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Flexible cable with cable end
1-#18 to #14 AWG (0.75-1.5 mm2)
2-#18 to #14 AWG (0.75-1.5 mm2)
Wiring (spring terminal)
Min (GVAN only)
Max
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Tightening torque
12 lb-in (1.4 N•m) max
Contact operation
instantaneous auxiliary contacts
Power Pole
GVAN20
N.O.
N.O.
GVAN11
N.O.
N.C.
GVAE1
N.O.
N.C.
GVAE20
N.O.
N.O.
GVAE11
N.O.
N.C.
GVAD
••10
N.O.
GVAD
••01
N.C.
Contact Open
Contact Closed
Operation of fault
signalling contacts
GV2AM11
Change of state
following tripping on
short circuit.
GV2AD10 and AD01
Change of state
following tripping on
short circuit, overload
or undervoltage.
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com