Electronic Components Datasheet Search
  English  ▼

X  

BYD33 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BYD33
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD33 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BYD33 Datasheet HTML 4Page - NXP Semiconductors BYD33 Datasheet HTML 5Page - NXP Semiconductors BYD33 Datasheet HTML 6Page - NXP Semiconductors BYD33 Datasheet HTML 7Page - NXP Semiconductors BYD33 Datasheet HTML 8Page - NXP Semiconductors BYD33 Datasheet HTML 9Page - NXP Semiconductors BYD33 Datasheet HTML 10Page - NXP Semiconductors BYD33 Datasheet HTML 11Page - NXP Semiconductors BYD33 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1996 Sep 18
10
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD33 series
BYD33U and V
f = 1 MHz; Tj =25 °C.
Fig.18 Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MLB908
10
102
103
1
102
10
V
(V)
R
C d
(pF)
Fig.19 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.20 Reverse recovery definitions.
ndbook, halfpage
10%
100%
dI
dt
t
trr
IF
IR
MGC499
F
dI
dt
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com