Electronic Components Datasheet Search
  English  ▼

X  

BYD37 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD37
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD37 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD37 Datasheet HTML 1Page - NXP Semiconductors BYD37 Datasheet HTML 2Page - NXP Semiconductors BYD37 Datasheet HTML 3Page - NXP Semiconductors BYD37 Datasheet HTML 4Page - NXP Semiconductors BYD37 Datasheet HTML 5Page - NXP Semiconductors BYD37 Datasheet HTML 6Page - NXP Semiconductors BYD37 Datasheet HTML 7Page - NXP Semiconductors BYD37 Datasheet HTML 8Page - NXP Semiconductors BYD37 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Nov 16
4
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD37 series
GRAPHICAL DATA
a = 1.42; VR =VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
3
0
1
2
MGA854
100
I F(AV)
(A)
T
( C)
o
tp
a = 1.42; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.11.
Switched mode application.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
0.8
0
MGA855
100
I F(AV)
(A)
T
( C)
amb
o
0.6
0.4
0.2
handbook, full pagewidth
0
8
10 2
110
10 2
10 3
10 4
MLB268
16
t
(ms)
p
10 1
I FRM
(A)
4
12
δ = 0.05
0.2
0.1
0.5
1
Ttp = 105 °C; Rth j-tp = 30 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1000 V.
Fig.4 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com