Electronic Components Datasheet Search
  English  ▼

X  

WM8150SCDS Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8150SCDS
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150SCDS Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8150SCDS Datasheet HTML 1Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
w
WM8150
Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
WOLFSON MICROELECTRONICS plc
w :www.wolfsonmicro.com
Production Data, February 2005, Rev 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8150 is a 12-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 8MSPS.
The device includes a complete analogue signal processing
channel containing Reset Level Clamping, Correlated
Double Sampling, Programmable Gain and Offset adjust
functions. Internal multiplexers allow fast switching of offset
and gain for line-by-line colour processing. The output from
this channel is time multiplexed into a high-speed 12-bit
Analogue to Digital Converter. The digital output data is
available in 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used to reference CIS signals or
during Reset Level Clamping to clamp CCD signals. An
external reference level may also be supplied. ADC
references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 5V, a digital core
voltage of 5V, and a digital interface supply of either 5V or
3.3V, the WM8150 typically only consumes 160mW when
operating from a single 5V supply.
FEATURES
•
12-bit ADC
•
8MSPS conversion rate
•
Low power - 170mW typical
•
5V single supply or 5V/3.3V dual supply operation
•
Single channel operation
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
4-bit wide multiplexed data output format
•
Internally generated voltage references
•
20-pin SSOP package
•
Serial control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM
VRLC/VBIAS
VINP
SEN
VSMP
MCLK
SDI
SCK
TIMING CONTROL
CL
RLC
V
S
R
S
VRX
VRT
VRB
CDS
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
12-
BIT
ADC
AGND1
DGND
AVDD
DVDD1
OP[0]
OP[1]
OP[2]
OP[3]/SDO
AGND2
VREF/BIAS
R
G
B
M
U
X
R
G
B
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
+
+
M
U
X
DATA
I/O
PORT
DVDD2
W
WM8150
OFFSET
DAC
RLC
DAC


Similar Part No. - WM8150SCDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8150CDS WOLFSON-WM8150CDS Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8150CDSR WOLFSON-WM8150CDSR Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
More results

Similar Description - WM8150SCDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8152 CIRRUS-WM8152 Datasheet
418Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 CIRRUS-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com