Electronic Components Datasheet Search
  English  ▼

X  

BYD67 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD67
Description  Ripple blocking diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD67 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD67 Datasheet HTML 1Page - NXP Semiconductors BYD67 Datasheet HTML 2Page - NXP Semiconductors BYD67 Datasheet HTML 3Page - NXP Semiconductors BYD67 Datasheet HTML 4Page - NXP Semiconductors BYD67 Datasheet HTML 5Page - NXP Semiconductors BYD67 Datasheet HTML 6Page - NXP Semiconductors BYD67 Datasheet HTML 7Page - NXP Semiconductors BYD67 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Oct 20
2
Philips Semiconductors
Product specification
Ripple blocking diode
BYD67
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Shipped in 8 mm embossed tape
• Smallest surface mount rectifier
package.
DESCRIPTION
Cavity free cylindrical glass SOD87
package through Implotec
™(1)
technology. The SOD87 is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
handbook, 4 columns
MAM061
ka
Fig.1 Simplified outline (SOD87) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
300
V
VR
continuous reverse voltage
−
300
V
IF(AV)
average forward current
Ttp =85 °C; see Fig.2;
averaged over any 20 ms period;
see also Fig.4
−
1.2
A
Tamb =60 °C; PCB mounting (see
Fig.8); see Fig.3;
averaged over any 20 ms period;
see also Fig.4
−
0.4
A
IFRM
repetitive peak forward current
Ttp =85 °C
−
11
A
Tamb =60 °C
−
3.7
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =25 °C prior to surge;
VR =VRRMmax
−
5.0
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com