Electronic Components Datasheet Search
  English  ▼

X  

BYD71 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BYD71
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BYD71 Datasheet HTML 3Page - NXP Semiconductors BYD71 Datasheet HTML 4Page - NXP Semiconductors BYD71 Datasheet HTML 5Page - NXP Semiconductors BYD71 Datasheet HTML 6Page - NXP Semiconductors BYD71 Datasheet HTML 7Page - NXP Semiconductors BYD71 Datasheet HTML 8Page - NXP Semiconductors BYD71 Datasheet HTML 9Page - NXP Semiconductors BYD71 Datasheet HTML 10Page - NXP Semiconductors BYD71 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1996 Sep 19
8
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
BYD71A to D
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.10 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
MCD567
0
0.25
0.50
0.50
0
0.25
(W)
P
I
F(AV)
(A)
2
2.5
a = 3
a = 1.57
1.42
BYD71E to G
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.11 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
I
F(AV)
(A)
0
0.25
0.50
0.50
0
0.25
MCD566
(W)
P
1.42
2
a = 3
a = 1.57
2.5
BYD71A to D
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.12 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
01
2
4
5
0
4
MCD568
3
3
2
1
IF
(A)
VF (V)
BYD71E to G
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.13 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
012
3
5
0
4
MCD569
3
2
1
IF
(A)
VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com