Electronic Components Datasheet Search
  English  ▼

X  

WM8706 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8706 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
w
WM8706
24-bit, 192kHz Stereo DAC with Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, July 2005, Rev 4.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8706 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8706 supports data input word
lengths from 16 to 32-bits and sampling rates up to 192kHz.
The WM8706 can implement 2 channels at 192kHz for high-
end DVD-Audio. The WM8706 consists of a serial interface
port,
digital interpolation filters,
multi-bit sigma delta
modulators and stereo DAC in a small 28-lead SSOP
package. The WM8706 also includes a digitally controllable
mute and attenuate function on each channel.
The WM8706 supports a variety of connection schemes for
audio DAC control. The MPU serial port provides access to
a wide range of features including on-chip mute, attenuation
and phase reversal. A hardware controllable interface is
also available. It is pin-compatible with the WM8716
provided the oscillator circuit on WM8716 is not required in
the application.
The WM8706 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players supporting DVD-A.
FEATURES
•
Stereo DAC
•
Audio Performance
-
106dB SNR (‘A’ weighted @ 48kHz) DAC
-
-97dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
3-Wire Serial Control Interface or Hardware Control
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified, DSP
-
16/20/24/32 bit Word Lengths
•
Independent Digital Volume Control on Each Channel with
127.5dB Range in 0.5dB Steps
•
3.0V – 5.5V Supply Operation
•
28-Lead SSOP Package
•
Exceeds Dolby Class A Performance Requirements
APPLICATIONS
•
DVD-Audio and DVD ‘Universal’ Players
•
Home theatre systems
•
Digital TV
•
Digital broadcast receivers
BLOCK DIAGRAM
BCKIN
SERIAL
INTERFACE
MUTE/
ATTEN
CONTROL INTERFACE
VOUTL
VOUTR
SIGMA
DELTA
MODULATOR
LRCIN
DIN
MUTE/
ATTEN
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
XTI
DVDD
AVDD
AGND
DGND
MUTEB
MDDM0
MCDM1
MLIIS
MODE
CSBIWO
ZERO
LOW
PASS
FILTER
LOW
PASS
FILTER
VMID
RIGHT
DAC
LEFT
DAC
VREFN
VREFP
WM8706
w


Similar Part No. - WM8706

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
More results

Similar Description - WM8706

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com