Electronic Components Datasheet Search
  English  ▼

X  

WM8720 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8720 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
WM8720
Production Data
w
PD Rev 4.0. February 2005
5
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Circuit Specifications
SNR (Note 1)
AVDD, DVDD = 5V
95
101
dB
AVDD, DVDD = 3.3V
100
dB
THD
0dB FS
-96
-85
dB
Dynamic range
THD+N @ -60dB FS
95
101
dB
Passband
±0.25dB
0.4535
fs
Stopband
-3dB
0.491
fs
Pass band ripple
±0.25
dB
Out of band rejection
-40
dB
Channel Separation
98
dB
Gain mismatch
channel-to-channel
0dB FS
±0.5
±5
%FSR
Digital Logic Levels
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW level
VOL
IOL = 2mA
AVSS + 0.3V
Output HIGH level
VOH
IOH = 2mA
AVDD - 0.3V
Analogue Output Levels
Output level
Into 10k
Ω, full scale 0dB,
(5V supply)
1.1
VRMS
Into 10k
Ω, full scale 0dB,
(3.3V supply)
0.72
VRMS
To midrail or AC coupled
(5V supply)
1
k
Ω
Minimum resistance load
To midrail or AC coupled
(3.3V supply)
1
k
Ω
Maximum capacitance
load
5V or 3.3V
100
pF
Output DC level
AVDD/2
V
Reference Levels
Potential divider
resistance
AVDD to CAP and CAP to AGND
90
k
Ω
Voltage at CAP
AVDD/2
POR
POR threshold
2.0
V
TERMINOLOGY
1.
Signal-to-noise ratio (dB) (SNR) is a measure of the difference in level between the full-scale output and the output
with no signal applied.
2.
Dynamic range (dB) (DNR) is a measure of the difference between the highest and lowest portions of a signal.
Normally a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB
to it. (eg THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) is a ratio of the r.m.s. values, of (Noise + Distortion)/Signal.
4.
Stop band attenuation (dB) is the degree to which the frequency spectrum is attenuated (outside audio band).
5.
Channel Separation (dB) (also known as Cross-Talk) is a measure of the amount one channel is isolated from the
other. Normally measured by sending a full-scale signal down one channel and measuring the other.
6.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com