Electronic Components Datasheet Search
  English  ▼

X  

BYD71A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BYD71A
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BYD71A Datasheet HTML 3Page - NXP Semiconductors BYD71A Datasheet HTML 4Page - NXP Semiconductors BYD71A Datasheet HTML 5Page - NXP Semiconductors BYD71A Datasheet HTML 6Page - NXP Semiconductors BYD71A Datasheet HTML 7Page - NXP Semiconductors BYD71A Datasheet HTML 8Page - NXP Semiconductors BYD71A Datasheet HTML 9Page - NXP Semiconductors BYD71A Datasheet HTML 10Page - NXP Semiconductors BYD71A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1996 Sep 19
9
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
Fig.14 Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
100
10
1
10
10
o
Tj
C
()
MCD582
IR
3
2
(
µA)
VR =VRRMmax.
f = 1 MHz; Tj =25 °C.
Fig.15 Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MCD559
10
1
10
10
10
10
A, B, C, D
E, F, G
2
23
V
R
(V)
C
d
(pF)
Fig.16 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.17 Reverse recovery definitions.
dbook, halfpage
10%
100%
dI
dt
t
trr
IF
IR
MGC499
F
dI
dt
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com