Electronic Components Datasheet Search
  English  ▼

X  

WM8728 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
WM8728
Production Data
w
PD Rev 4.2 April 2004
10
MPU 3-WIRE INTERFACE TIMING
Figure 4 Program Register Input Timing - 3-Wire Serial Control Mode
Test Conditions
AVDD, DVDD = 5V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
SCK rising edge to LATI2S
rising edge
tSCS
40
ns
SCK pulse cycle time
tSCY
80
ns
SCK pulse width low
tSCL
20
ns
SCK pulse width high
tSCH
20
ns
SDIDEM to SCK set-up time
tDSU
20
ns
SCK to SDIDEM hold time
tDHO
20
ns
LATI2S pulse width low
tCSL
20
ns
LATI2S pulse width high
tCSH
20
ns
LATI2S rising to SCK rising
tCSS
20
ns
CSBIWL to LATI2S set-up time
tCSSU
20
ns
LATI2S to CSBIWL hold time
tCSSH
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com