Electronic Components Datasheet Search
  English  ▼

X  

WM8746 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
9
DIGITAL CONTROL INTERFACE
ML/I2S
MC/IWL
MD/DM
t
MLL
t
DHO
t
DSU
t
MLH
t
MCY
t
MCH
t
MCL
t
SCS
LSB
t
CSS
Figure 3 Control Interface Input Timing: 3-Wire Serial Control Mode
Test Conditions
AVDD = DVDD = 5V, AGND = GR = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
MC/IWL rising edge to ML/I2S
rising edge
tSCS
20
ns
MC/IWL pulse cycle time
tMCY
80
ns
MC/IWL pulse width low
tMCL
30
ns
MC/IWL pulse width high
tMCH
30
ns
MD/DM to MC/IWL set-up time
tDSU
20
ns
MC/IWL to MD/DM hold time
tDHO
20
ns
ML/I2S pulse width low
tMLL
20
ns
ML/I2S pulse width high
tMLH
20
ns
ML/I2S rising to MC/IWL rising
tCSS
20
ns
Table 3 Control Interface Input Timing Information: 3-Wire Serial Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com