Electronic Components Datasheet Search
  English  ▼

X  

BYD73 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYD73
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD73 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYD73 Datasheet HTML 3Page - NXP Semiconductors BYD73 Datasheet HTML 4Page - NXP Semiconductors BYD73 Datasheet HTML 5Page - NXP Semiconductors BYD73 Datasheet HTML 6Page - NXP Semiconductors BYD73 Datasheet HTML 7Page - NXP Semiconductors BYD73 Datasheet HTML 8Page - NXP Semiconductors BYD73 Datasheet HTML 9Page - NXP Semiconductors BYD73 Datasheet HTML 10Page - NXP Semiconductors BYD73 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1996 Sep 18
7
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD73 series
BYD73A to D
Tamb =60 °C; Rth j-a = 120 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 200 V.
Fig.8 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
10
0
5
10
-2
10
-1
10
2
10
3
10
4
MCD604
t p (ms)
0.5
1
I
FRM
(A)
10
1
δ =
0.05
0.1
0.2
BYD73E to G
Tamb =60 °C; Rth j-a = 120 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 400 V.
Fig.9 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
10
0
5
10
-2
10
-1
10
2
10
3
10
4
MCD606
t p (ms)
1
δ =
0.05
0.1
0.5
I
FRM
(A)
10
1
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com