Electronic Components Datasheet Search
  English  ▼

X  

WM8786 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8786
Description  24-Bit, 192kHz Stereo ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8786 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8786 Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
WM8786
Production Data
w
PD Rev 4.2 February 2007
22
RECOMMENDED PCB LAYOUT
The WM8786 is sensitive to the routing of the ground return currents for VREF, VMID and AVDD and
care should be taken to ensure that these currents do not interfere.
Figure 25 below shows a
recommended PCB layout (with high frequency current paths) for the WM8786 that will demonstrate
datasheet performance:
C1
C6
C3
C5
C4
Top Layer Copper
Bottom Layer Copper
Via
To AVDD
Supply
C2
To DVDD
Supply
+
+
Figure 25 Recommended PCB Layout for VREF, VMID, AVDD and DVDD Decoupling
Notes:
1.
High frequency noise on VREF is decoupled through C5, and the return path should be directly
to VREFGND.
2.
The route from the negative terminal of C6 to C5 and then to VREFGND should be made on
the top layer only and should not connect to the ground flood on the top layer. This ensures
that the VREF return current is returned directly to VREFGND as shown by the black arrows.
3.
The negative terminal of C6 should be connected to the ground plane on the underside of the
board only.
4.
High frequency noise on VMID is decoupled through C4, and the return path should be directly
to AGND.
5.
Via to bottom layer on VMID used to connect to bottom layer route to positive terminal of C3.
6.
The route from C4 to AGND should be made on the top layer only. This ensures that the VMID
return current is returned to AGND as shown by the white arrows.
7.
AVDD is decoupled to AGND through C1. The ground return currents are not shown in this
diagram.
8.
DVDD is decoupled to DGND through C2. The ground return currents are not shown in this
diagram.
9.
DGND should not be connected directly to the ground flood on the top layer under the
WM8786. This will ensure that noise in the digital ground does not interfere with the critical
routing of VREF and VMID.
10. Bottom layer ground flood not shown for clarity.
11. See the WM8786 Evaluation Board for an example of this layout in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com