Electronic Components Datasheet Search
  English  ▼

X  

WM8816 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Preview
WM8816
w
PP Rev 1.5 October 2004
11
APPLICATION RECOMMENDATIONS
1.
For best audio performance, all digital activities should be minimised during analogue signal
processing. Special attention should be paid to power and ground decoupling. Decoupling
capacitors should be located as close to the WM8816 as possible. A clean analogue power
supply should always be used.
2.
Damage can be caused to the internal delay generators if AVDD and DVDD supply voltages
differ to any degree. The AVDD and DVDD pins must therefore be tied together in all designs.
3.
During operation of the hardware MUTEB function between setting mute and then un-mute, the
device may either not un-mute or the gain setting after un-mute will be incorrect. It is advised to
re-write the gain settings immediately following hardware un-mute to guarantee faultless
operation.
4.
Voltage greater than 500mV on the digital pins while the device is powered down may prevent
successful POR of the device when power is re-applied. It is preferable that all digital pins are
pulled low during power up or alternatively ensure that there are no residual voltages held on the
digital pins during power down.
5.
The WM8816 output offset voltage can vary dependent upon the op-amp used usually with the
largest level of offset voltage occurring at +15.5dB gain. Output offset voltage has linear
relationship on input bias current and offset voltage amplitudes. Using differing op-amp types
causes a large variation in offset voltage. Below is a list of recommended op-amps which are
found to give the least offset issues when used with the WM8816. Channel matching is also
important factor and not necessarily only the absolute offset value.
DEVICE
MANUFACTURER
OFFSET
IN MV
OP275
Analog Devices
8.55
MC33078/9
On-Semi/ST
28.4
AD8610
Analog Devices
1.49
LT1793
Linear
18.5
OP1177
Analog Devices
0.505
OP277
BurrBrown
0.228
Table 3 Recommended Op-amps
RIN
RMO
WM8816
DAC
Balanced
Output
+
-
RFO
RGND
15
14
13
12
LIN
LMO
+
-
LFO
LGND
2
3
4
5
+18V
+18V
-18V
-18V
+
-
+18V
-18V
2K
2K
2K
2K
Figure 6 Configuration for Double Balanced Output (One Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com