Electronic Components Datasheet Search
  English  ▼

X  

2982 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2982
Description  8-CHANNEL SOURCE DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2982 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2982 Datasheet HTML 1Page - Allegro MicroSystems 2982 Datasheet HTML 2Page - Allegro MicroSystems 2982 Datasheet HTML 3Page - Allegro MicroSystems 2982 Datasheet HTML 4Page - Allegro MicroSystems 2982 Datasheet HTML 5Page - Allegro MicroSystems 2982 Datasheet HTML 6Page - Allegro MicroSystems 2982 Datasheet HTML 7Page - Allegro MicroSystems 2982 Datasheet HTML 8Page - Allegro MicroSystems 2982 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2981 AND 2982
8-CHANNEL
SOURCE DRIVERS
www.allegromicro.com
3
s
ti
m
i
L
t
s
e
T
e
l
b
a
c
il
p
p
A
Characteristic
Symbol
Devices
Test Conditions
Fig.
Min. Typ. Max. Units
Output Leakage Current
ICEX
All
VIN = 0.4 V*, VS = 50 V, TA = +70°C
1
—
—
200
µA
Output Sustaining
VCE(SUS)
All
IOUT
V
—
—
5
3
—
A
m
5
4
-
=
Voltage
Collector-Emitter
VCE(SAT)
All
VIN = 2.4 V, IOUT = -100 mA
2
—
1.6
1.8
V
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
IN = 2.4 V, IOUT = -225 mA
2
—
1.7
1.9
V
VIN = 2.4 V, IOUT = -350 mA
2
—
1.8
2.0
V
Input Current
IIN(ON)
UDN2981A
VIN
0
0
2
0
4
1
—
3
V
4
.
2
=
µA
VIN
0
5
4
0
1
3
—
3
V
5
8
.
3
=
µA
2982†
VIN
0
0
2
0
4
1
—
3
V
4
.
2
=
µA
VIN
A
m
3
9
.
1
5
2
.
1
—
3
V
2
1
=
Output Source Current
lOUT
UDN2981A
VIN = 2.4 V, VCE = 2.0 V
2
-350
—
—
mA
(Outputs Open)
2982†
VIN = 2.4 V, VCE = 2.0 V
2
-350
—
—
mA
Supply Current
IS
All
VIN = 2.4 V*, VS = 50 V
4
—
—
10
mA
Leakage Current
Clamp Diode
IR
All
VR = 50 V, VIN = 0.4 V*
5
—
—
50
µA
Clamp Diode
VF
All
IF
V
0
.
2
5
.
1
—
6
A
m
0
5
3
=
Turn-On Delay
tON
All
0.5 EIN to 0.5 EOUT, RL = 100Ω,
—
—
0.3
2.0
µs
VS = 35 V
Turn-Off Delay
tOFF
All
0.5 EIN to 0.5 EOUT, RL = 100Ω,
—
—
2.0
10
µs
VS = 35 V, See Note
ELECTRICAL CHARACTERISTICS at TA = +25°C (unless otherwise specified).
NOTES: Turn-off delay is influenced by load conditions. Systems applications well below the specified output loading may require
timing considerations for some designs, i.e., multiplexed displays or when used in combination with sink drivers in a totem
pole configuration.
Negative current is defined as coming out of (sourcing) the specified device terminal.
* All inputs simultaneously.
All unused inputs must be connected to ground. Pulldown resistors (≈ 10 kΩ) are recommended for inputs that
are allowed to float while power is being applied to VS.
† Complete part number includes a prefix (A or UDN) and a suffix (A or SLW) as follows:
UDN2981A, UDN2982A, UDN2982LW, or A2982SLW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com