Electronic Components Datasheet Search
  English  ▼

X  

3134 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3134
Description  BIPOLAR HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3134 Datasheet(HTML) 7 Page - Allegro MicroSystems

  3134 Datasheet HTML 1Page - Allegro MicroSystems 3134 Datasheet HTML 2Page - Allegro MicroSystems 3134 Datasheet HTML 3Page - Allegro MicroSystems 3134 Datasheet HTML 4Page - Allegro MicroSystems 3134 Datasheet HTML 5Page - Allegro MicroSystems 3134 Datasheet HTML 6Page - Allegro MicroSystems 3134 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3134
LOW-HYSTERESIS
BIPOLAR HALL-EFFECT SWITCH
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
PACKAGE DESIGNATOR ‘UA’
NOTES: 1.
Tolerances on package height and width represent
allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option
within limits shown.
3.
Height does not include mold gate flash.
4.
Recommended minimum PWB hole diameter to clear
transition area is 0.035" (0.89 mm).
5.
Where no tolerance is specified, dimension is nominal.
6.
Supplied in bulk pack (500 pieces per bag).
Dwg. MH-014E in
0.164
0.159
0.062
0.058
0.0173
0.0138
0.050
BSC
45
°
0.640
0.600
0.0189
0.0142
0.085
MAX
45
°
0.031
123
0.122
0.117
SEE NOTE
Dwg. MH-014E mm
4.17
4.04
1.57
1.47
0.44
0.35
1.27
BSC
45
°
16.26
15.24
0.48
0.36
2.16
MAX
45
°
0.79
123
3.10
2.97
SEE NOTE
Radial Lead Form (order A3240xUA-LC)
NOTE:
Lead-form dimensions are the nominals produced on the
forming equipment. No dimensional tolerance is implied or
guaranteed for bulk packaging (500 pieces per bag).
0.620"
0.500"
(15.7 mm
12.7 mm)
0.100"
(2.5 mm)
Dwg. MH-026
0.108"
(2.74 mm)
123



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com