Electronic Components Datasheet Search
  English  ▼

X  

3161 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3161
Description  HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3161 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3161 Datasheet HTML 1Page - Allegro MicroSystems 3161 Datasheet HTML 2Page - Allegro MicroSystems 3161 Datasheet HTML 3Page - Allegro MicroSystems 3161 Datasheet HTML 4Page - Allegro MicroSystems 3161 Datasheet HTML 5Page - Allegro MicroSystems 3161 Datasheet HTML 6Page - Allegro MicroSystems 3161 Datasheet HTML 7Page - Allegro MicroSystems 3161 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This Hall-effect switch is a monolithic integrated circuit designed to
operate continuously over extended temperatures to +85
°C. The unipo-
lar switching characteristic makes this device ideal for use with a simple
bar or rod magnet. The A3161ELT and A3161EUA are identical except
for package.
Each device includes a voltage regulator for operation with supply
voltages of 3.5 to 25 volts, reverse battery protection diode, quadratic
Hall-voltage generator, temperature compensation circuitry, small-signal
amplifier, Schmitt trigger, and a constant-current open-collector output.
Noise radiation is limited by control of the output current slew rate.
Two package styles provide a magnetically optimized package for
most applications. Suffix ‘LT’ is a miniature SOT-89/TO-243AA
transistor package for surface-mount applications; suffix ‘UA’ is a three-
lead ultra-mini SIP for through-hole mounting.
HALL-EFFECT SWITCH
FOR 2-WIRE APPLICATIONS
Always order by complete part number, e.g., A3161ELT .
Pinning is shown viewed from branded side.
ABSOLUTE MAXIMUM RATINGS
at T
A
= +25
°C
FEATURES and BENEFITS
s Internal Current Regulator for 2-Wire Operation
s Output Slew Rate Controlled
s 3.5 V to 25 V Operation … Needs Only An Unregulated Supply
s Reverse Battery Protection
s Excellent Temp. Stability
s Activate with Small, Commercially Available Permanent Magnets
s Small Size
s Solid-State Reliability … No Moving Parts
s Resistant to Physical Stress
3161
Supply Voltage, V
CC
Continuous ................................. 28 V
Surge (t
w ≤ 100 ms) .................... 40 V
Reverse Battery Voltage, V
RCC
Continuous ................................ -25 V
Surge (t
w ≤ 100 ms) ................... -40 V
Magnetic Flux Density, B ....... Unlimited
Output OFF Voltage, V
OUT .............. 28 V
Operating Temperature Range,
T
A ............................. -40°C to +85°C
Storage Temperature Range,
T
S ........................... -65°C to +170°C
Dwg. PH-003-3
1
V
CC
3
2


Similar Part No. - 3161

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
List of Unclassifed Man...
3161 ETC2-3161 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3161 ALLEGRO-3161 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3161 ETC2-3161 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3161 HEYCO-3161 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 3161

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
A3163 ALLEGRO-A3163 Datasheet
162Kb / 10P
HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
Melexis Microelectronic...
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
2-Wire Hall Effect Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
2-Wire Hall Effect Switch
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
TMAG5124 Hall Effect Switch With 2-Wire Interface
logo
Melexis Microelectronic...
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
2-Wire Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com