Electronic Components Datasheet Search
  English  ▼

X  

WM8940 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8940 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8940 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
WM8940
Pre-Production
w
Pre-Production, Rev 3.0, February 2007
56
INTEGER N DIVISION
The integer division ratio (N) is determined by N[3:0] and must be in the range 5 to 12.
If the PLL frequency is an exact integer (5,6,7,8,9,10,11,12) then FRAC_EN can be set to 0 for low
power operation.
INPUT CLOCK
(PLL_IN)
DESIRED PLL OUTPUT
(PLL_OUT)
DIVISION
REQUIRED (X)
FRACTIONAL
DIVISION (K)
INTEGER
DIVISION (N)
SDM
11.2896MHz
90.3168MHz
8
0
8
0
12.288MHz
98.304MHz
8
0
8
0
Table 48 PLL Modes of Operation (Integer N mode)
FRACTIONAL K MODE
The Fractional K bits provides K[23:0] provide finer divide resolution for the PLL frequency ratio (up
to 1/224). If these are used then FRAC_EN must be set. The relationship between the required
division X, the fractional division K[23:0] and the integer division N[3:0] is:
K = 2
23 ( X – N)
where 0 < (X – N) < 1 and K is rounded to the nearest whole number.
For example, if the PLL input clock (PLL_IN) is 13MHz and the desired PLL output clock (PLLCLK)
is 98.304MHz then the desired division, X, is 7.561800. So N[3:0] will be 7h and K[23:0] will be
23F400h to produce the desired 98.304MHz clock.
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown in Table 49.
MCLK
(MHz)
(F1)
DESIRED
OUTPUT
(MHz)
F2
(MHz)
PRESCALE
DIVIDE
POSTSCALE
DIVIDE
(FIXED)
R
N
(Hex)
K
(Hex)
12
11.29
90.3168
MCLK/2
4
7.5264
7
86C220
12
12.288
98.304
MCLK/2
4
8.192
8
3126E8
13
11.29
90.3168
MCLK/2
4
6.947446
6
F28BD4
13
12.288
98.304
MCLK/2
4
7.561846
7
8FD525
14.4
11.29
90.3168
MCLK/2
4
6.272
6
45A1CA
14.4
12.288
98.304
MCLK/2
4
6.826667
6
D3A06E
19.2
11.29
90.3168
MCLK/4
4
9.408
9
6872AF
19.2
12.288
98.304
MCLK/4
4
10.24
A
3D70A3
19.68
11.29
90.3168
MCLK/4
4
9.178537
9
2DB492
19.68
12.288
98.304
MCLK/4
4
9.990243
9
FD809F
19.8
11.29
90.3168
MCLK/4
4
9.122909
9
1F76F7
19.8
12.288
98.304
MCLK/4
4
9.929697
9
EE009E
24
11.29
90.3168
MCLK/4
4
7.5264
7
86C226
24
12.288
98.304
MCLK/4
4
8.192
8
3126E8
26
11.29
90.3168
MCLK/4
4
6.947446
6
F28BD4
26
12.288
98.304
MCLK/4
4
7.561846
7
8FD525
27
11.29
90.3168
MCLK/4
4
6.690133
6
BOAC93
27
12.288
98.304
MCLK/4
4
7.281778
7
482296
Table 49 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com