Electronic Components Datasheet Search
  English  ▼

X  

A1373EKB Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1373EKB
Description  High Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1373EKB Datasheet HTML 4Page - Allegro MicroSystems A1373EKB Datasheet HTML 5Page - Allegro MicroSystems A1373EKB Datasheet HTML 6Page - Allegro MicroSystems A1373EKB Datasheet HTML 7Page - Allegro MicroSystems A1373EKB Datasheet HTML 8Page - Allegro MicroSystems A1373EKB Datasheet HTML 9Page - Allegro MicroSystems A1373EKB Datasheet HTML 10Page - Allegro MicroSystems A1373EKB Datasheet HTML 11Page - Allegro MicroSystems A1373EKB Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
A1373 and
A1374
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Average Supply Current (Icc) vs Temperature
Vcc = 5V
Temperature (°C)
Temperature (°C)
4.5 to 5.0 V
5.5 to 5.0 V
Average Linearity vs Temperature
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Linearity +
Linearity -
Average Symmetry vs Temperature
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
-50-25
0255075100
125150
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
4.5 to 5.0 V
5.5 to 5.0 V
-50-250255075100
125150
Average Ratiometry, Voq
Average Ratiometry, Sens
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com