Electronic Components Datasheet Search
  English  ▼

X  

WM8976 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8976_06 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
74
The VMID_EN signal has an OR function performed with the normal VMID driver enable. If the
VMID_EN signal is to have no effect to normal functionality when jack detection is enabled, it should
set to 0 for all JD_EN0 or JD_EN1 settings.
If jack detection is not enabled (JD_EN=0), the output enables default to all 1’s, allowing the outputs
to be controlled as normal via the normal output enables found in Table 50.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
JD_SEL
00
Pin selected as jack detection input
00 = GPIO1
01 = GPIO2
10 = GPIO3
11 = Reserved
6
JD_EN
0
Jack Detection Enable
0 = disabled
1 = enabled
R9
GPIO control
8:7
JD_VMID
00
[7] VMID_EN_0
[8] VMID_EN_1
3:0
JD_EN0
0000
Output enables when selected jack
detection input is logic 0.
[0]= OUT1_EN_0
[1]= OUT2_EN_0
[2]= OUT3_EN_0
[3]= OUT4_EN_0
R13
7:4
JD_EN1
0000
Output enables when selected jack
detection input is logic 1
0000-0011 = Reserved
[4]= OUT1_EN_1
[5]= OUT2_EN_1
[6]= OUT3_EN_1
[7]= OUT4_EN_1
Table 62 Jack Detect Register Control Bits
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire MPU interface. The MODE pin
determines the 2 or 3 wire mode as shown in Table 63.
The WM8976 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each
control register.
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 63 Control Interface Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com