Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8983_06 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8983_06 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
Production Data
WM8983
w
PD Rev 4.0 November 2006
49
LIMITER MODE
ALCMODE = 1 (Limiter Mode)
ALCATK
tATKLIM
tATKLIM6dB
tATKLIM90%
0000
22.7µs
182.4µs
1.31ms
0001
45.4µS
363.2µs
2.62ms
0010
90.8µS
726.4µs
5.24ms
0011
182µS
1.45ms
10.48ms
0100
363µS
2.9ms
20.9ms
0101
726µS
5.81ms
41.9ms
0110
1.45ms
11.62ms
83.8ms
0111
2.9ms
23.2ms
167.7ms
1000
5.81ms
46.5ms
335.4ms
1001
11.62ms
93ms
670.8ms
1010
23.2ms
186ms
1.34s
Attack Time (s)
ALCMODE = 1 (Limiter Mode)
ALCDCY
tDCYLIM
tDCYLIM6dB
tDCYLIM90%
0000
90.8µs
726.4µs
5.24ms
0001
182µS
1.45ms
10.48ms
0010
363µS
2.9ms
20.9ms
0011
726µS
5.81ms
41.9ms
0100
1.45ms
11.62ms
83.8ms
0101
2.9ms
23.2ms
167.7ms
0110
5.81ms
46.5ms
335.4ms
0111
11.62ms
93ms
670.8ms
1000
23.2ms
186ms
1.34s
1001
46.4ms
372ms
2.68s
1010
92.8ms
744ms
5.36s
Attack Time (s)
Table 21 ALC Limiter Mode (Attack and Decay times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com