Electronic Components Datasheet Search
  English  ▼

X  

WM9705 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC??7 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 48Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 53Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.4 August 2006
50
PDD[3-0]
PEN DETECT
THRESHOLD
PDD[3-0]
PEN DETECT
THRESHOLD
0000
Use zero power comp.
1000
8Vmid/15
0001
Vmid/15
1001
9Vmid/15
0010
2Vmid/15
1010
10Vmid/15
0011
3Vmid/15
1011
11Vmid/15
0100
4Vmid/15
1100
12Vmid/15
0101
5Vmid/15
1101
13Vmid/15
0110
6Vmid/15
1110
14Vmid/15
0111
7Vmid/15
1111
Vmid
Table 29 Pen Detect Comparator Threshold
Figure 25 shows the pen detection function schematically.
Y+
X+
X-
Rpen
Xswn
Yswp
Rpusw
Rpu
Pen detect
threshold
setting DAC
4 bit
mux
sel
PENDET
zero power comparator
precision comparator
Y-
Figure 25 Pen Detection Configuration
STANDBY OPERATION AND WAKE-UP
WM9705 allows for complete zero power standby operation, and wake-up-on-pen-down.
That is, all features of the device can be put into zero quiescent current standby, including the
digital interfaces, and the device will wait consuming near zero power until it is re-awoken via pen
down event or via activity on the AC link.
The AC link interface specification allows for standby operation, with all clocks stopped and the
oscillator powered down, (all PR bits set). From this state, either the controller or the Codec can
re-awaken the AC link. This feature is used by WM9705 to allow the standby operation, and wake
on pen down function.
Once in standby, (all PR bits set and Pen digitiser power down control bits PRP{1:0] in reg 78h
set to), the device awaits detection of pen down. Once this occurs, PRP[1] is set to active (1) and
the pen digitiser wakes up, toggles the PENDET pin, and wakes the AC link by toggling the
SDATAIN line. It is then up to the link controller how to respond. It will then toggle the SYNC
signal, which causes the codec to wake up the AC link by re-setting PR4, waking the oscillator
and starting to send BITCLKs. If RPR is set then pen down will also automatically reset PR4 and
wake up the codec.
If the PRP[1:0] is set to 10, then the device is NOT woken on pen down detect, but the PENDET
flag is toggled on pin 46 when the pen is detected as ‘down’. The controller may then wake up the
AC link and hence set PRP[1] bit if it so wishes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com