Electronic Components Datasheet Search
  English  ▼

X  

BYG80B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BYG80B
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BYG80B Datasheet HTML 5Page - NXP Semiconductors BYG80B Datasheet HTML 6Page - NXP Semiconductors BYG80B Datasheet HTML 7Page - NXP Semiconductors BYG80B Datasheet HTML 8Page - NXP Semiconductors BYG80B Datasheet HTML 9Page - NXP Semiconductors BYG80B Datasheet HTML 10Page - NXP Semiconductors BYG80B Datasheet HTML 11Page - NXP Semiconductors BYG80B Datasheet HTML 12Page - NXP Semiconductors BYG80B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Nov 25
9
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
handbook, full pagewidth
10
0
2
4
6
8
MGL093
10−2
10−1
1
IFRM
(A)
10
tP (ms)
102
103
104
0.2
0.5
1
0.1
δ = 0.05
BYG80J
Tamb =60 °C; Rth j-a = 100 K/W.
VRRMmax during 1 - δ; curves include derating for Tj max at VRRM = 600 V.
Fig.13 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
0
10
2
4
6
IFRM
(A)
8
MGL084
10−2
10−1
110
tp (ms)
102
103
δ = 0.05
0.1
0.2
0.5
1
BYG80A to D
Tamb =60 °C; Rth j-a = 150 K/W.
VRRMmax during 1 - δ; curves include derating for Tj max at VRRM = 200 V.
Fig.14 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com