Electronic Components Datasheet Search
  English  ▼

X  

SNC510 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC510
Description  One Channel Direct Drive Speech Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC510 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC510 Datasheet HTML 1Page - SONiX Technology Company SNC510 Datasheet HTML 2Page - SONiX Technology Company SNC510 Datasheet HTML 3Page - SONiX Technology Company SNC510 Datasheet HTML 4Page - SONiX Technology Company SNC510 Datasheet HTML 5Page - SONiX Technology Company SNC510 Datasheet HTML 6Page - SONiX Technology Company SNC510 Datasheet HTML 7Page - SONiX Technology Company SNC510 Datasheet HTML 8Page - SONiX Technology Company SNC510 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SNC510
One Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC510 accept RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follow.
OSC
VCC
RC Oscillator
5.2. ROM
SNC510 contains substantial 24K word (10-bit) internal ROM. Program and voices
are shared with this same 24K word ROM.
5.3. RAM
SNC510 contains 64 nibbles RAM. The 64 nibbles RAM are divided into four pages
(page 0 to page 3, 16 nibble RAM on each page).
In our programming structure,
users can easily define and locate RAM page in the program. For instance, users can
use the instructions, PAGEn (n=0 to 3) to switch and indicate the RAM page. Besides,
users can use direct mode, M0 ~ M15 in the data transfer type instructions, to access
all 16 nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC510 and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC510, any valid data transition (L H or H L)
occurring on any IO ports (P2 and P3) will lead SNC510 back to normal operation
mode.
5.5. Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively
set up among from the wide ranges of 2.5KHz to 20KHz. This feature makes voice
close to its original source and yield the better voice quality.
Ver: 1.4
June 8, 2005
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com