Electronic Components Datasheet Search
  English  ▼

X  

BYG80C Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BYG80C
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80C Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BYG80C Datasheet HTML 7Page - NXP Semiconductors BYG80C Datasheet HTML 8Page - NXP Semiconductors BYG80C Datasheet HTML 9Page - NXP Semiconductors BYG80C Datasheet HTML 10Page - NXP Semiconductors BYG80C Datasheet HTML 11Page - NXP Semiconductors BYG80C Datasheet HTML 12Page - NXP Semiconductors BYG80C Datasheet HTML 13Page - NXP Semiconductors BYG80C Datasheet HTML 14Page - NXP Semiconductors BYG80C Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Nov 25
11
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
Fig.17 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
BYG80A to D
a=IF(RMS)/IF(AV); VRRMmax.
handbook, halfpage
02
1.42
IF(AV) (A)
4
8
6
P
(W)
2
0
4
MGL088
2.5
1.57
2
a = 3
BYG80F and G
a=IF(RMS)/IF(AV); VRRMmax.
Fig.18 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
02
IF(AV) (A)
4
8
6
P
(W)
2
0
4
MGL089
1.42
2.5
1.57
2
a = 3
BYG80J
a=IF(RMS)/IF(AV); VRRMmax.
Fig.19 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
02
IF(AV) (A)
4
8
6
P
(W)
2
0
4
MGL099
1.42
2.5
1.57
2
a = 3
Fig.20 Maximum permissible junction
temperature as a function of maximum
reverse voltage percentage.
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
handbook, halfpage
0
100
VR (%VRmax)
Tj
(
°C)
200
0
100
50
MBK455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com